Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 151 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 151 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 147Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 148Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 149Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 150Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 151Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 162 page
background image
Version 2.1
151
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Derating values DDR3L-1066/1333/1600 tIS/tIH - AC/DC based AC160 Threshold
DDR3L AC160 Threshold -> VIH(ACAC)=VREF(DC)+160 mV, VIL(AC)=VREF(DC)-160 mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
80
45
80
45
80
45
88
53
96
61
104
69
112
79
120
95
1.5
53
30
53
30
53
30
61
38
69
46
77
54
85
64
93
80
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
-1
-3
-1
-3
-1
-3
7
5
15
13
23
21
31
31
39
47
0.8
-3
-8
-3
-8
-3
-8
5
1
13
9
21
17
29
27
37
43
0.7
-5
-13
-5
-13
-5
-13
3
-5
11
3
19
11
27
21
35
37
0.6
-8
-20
-8
-20
-8
-20
0
-12
8
-4
16
4
24
14
32
30
0.5
-20
-30
-20
-30
-20
-30
-12
-22
-4
-14
4
-6
12
4
20
20
0.4
-40
-45
-40
-45
-40
-45
-32
-37
-24
-29
-16
-21
-8
-11
0
5
Derating values DDR3L-1066/1333/1600 tIS/tIH - AC/DC based AC135 Threshold
DDR3L Alternate AC135 Threshold -> VIH(AC)=VREF(DC)+135 mV, VIL(AC)=VREF(DC)-135 mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
68
45
68
45
68
45
76
53
84
61
92
69
100
79
108
95
1.5
45
30
45
30
45
30
53
38
61
46
69
54
77
64
85
80
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
2
-3
2
-3
2
-3
10
5
18
13
26
21
34
31
42
47
0.8
3
-8
3
-8
3
-8
11
1
19
9
27
17
35
27
43
43
0.7
6
-13
6
-13
6
-13
14
-5
22
3
30
11
38
21
46
37
0.6
9
-20
9
-20
9
-20
17
-12
25
-4
33
4
41
14
49
30
0.5
5
-30
5
-30
5
-30
13
-22
21
-14
29
-6
37
4
45
20
0.4
-3
-45
-3
-45
-3
-45
6
-37
14
-29
22
-21
30
-11
38
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com