Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 154 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 154 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 150Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 151Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 152Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 153Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 158Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 162 page
background image
Version 2.1
154
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Derating values DDR3-1866/2133 tIS/tIH - AC/DC based AC125 Threshold
DDR3 Alternate AC125 Threshold -> VIH(ac)=VREF(dc)+125mV, VIL(ac)=VREF(dc)-125mV
CK,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
△
tIS
△
tIH
CMD/ADD
Slew rate
V/ns
2
63
50
63
50
63
50
71
58
79
66
87
74
95
84
103
100
1.5
42
34
42
34
42
34
50
42
58
50
66
58
74
68
82
84
1
0
0
0
0
0
0
8
8
16
16
24
24
32
34
40
50
0.9
4
-4
4
-4
4
-4
12
4
20
12
28
20
36
30
44
46
0.8
6
-10
6
-10
6
-10
14
-2
22
6
30
14
38
24
46
40
0.7
11
-16
11
-16
11
-16
19
-8
27
0
35
8
43
18
51
34
0.6
16
-26
16
-26
16
-26
24
-18
32
-10
40
-2
48
8
56
24
0.5
15
-40
15
-40
15
-40
23
-32
31
-24
39
-16
47
-6
55
10
0.4
13
-60
13
-60
13
-60
21
-52
29
-44
37
-36
45
-26
53
-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com