Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CB128M16IP-EKB Datasheet(PDF) 161 Page - Nanya Technology Corporation.

Part # NT5CB128M16IP-EKB
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M16IP-EKB Datasheet(HTML) 161 Page - Nanya Technology Corporation.

Back Button NT5CB128M16IP-EKB Datasheet HTML 154Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 155Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 156Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 157Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 158Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 159Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 160Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 161Page - Nanya Technology Corporation. NT5CB128M16IP-EKB Datasheet HTML 162Page - Nanya Technology Corporation.  
Zoom Inzoom in Zoom Outzoom out
 161 / 162 page
background image
Version 2.1
161
Nanya Technology Cooperation ©
07/2017
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8IN / NT5CB(C)128M16IP
Revision History
Version
Page
Modified
Description
Released
1.1
-
-
Official Release
02/2015
1.2
P4,5
Ordering
Add part number: NT5CC256M8IN-DIB, NT5CC128M16IP-DIB.
02/2015
1.3
P1,4,5,45,88,123,124
-
Add Quasi Industrial grade part number and temperature range.
03/2015
1.4
P87
Absolute Maximum
DC Ratings
Update Tstg specification:-55 ~150 (was: -55 ~100)
05/2015
1.5
P5-7
-
Package naming: VFBGA (was: BGA)
11/2015
P5
Operating frequency
New.
P90
AC & DC Input
Measurement Levels
Add VIH.CA(AC125) min spec.
P101
Cross Point Voltage
Update VIX(CK)max spec.
1.6
P1,4
Ordering
Add NOTE 3.
01/2016
P5
Operating frequency
Modify description.
1.7
P1
Ordering
NOTE3 align with content
05/2016
1.8
P86
ZQ Calibration Timing
Correct the timing of sequence Fig.
06/2016
1.9
P17
MR0 Definition
Update.
02/2017
P1,45,88,123,124
-
Update Quasi industrial grade temperature range: -40℃~95℃
(was: -20℃~95℃)
P123,124
IDD Currents
Add note.
2.0
P5
Ordering
Add part number:
NT5CB(C)256M8IN-EKH/EKA, NT5CB(C)128M16IP-EKH/EKA
04/2017
2.1
P148
Timing Parameter Notes
Update note 1.
07/2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com