Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 4 Page - Semtech Corporation

  SC284P Datasheet HTML 1Page - Semtech Corporation SC284P Datasheet HTML 2Page - Semtech Corporation SC284P Datasheet HTML 3Page - Semtech Corporation SC284P Datasheet HTML 4Page - Semtech Corporation SC284P Datasheet HTML 5Page - Semtech Corporation SC284P Datasheet HTML 6Page - Semtech Corporation SC284P Datasheet HTML 7Page - Semtech Corporation SC284P Datasheet HTML 8Page - Semtech Corporation SC284P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
SC284P
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Current Limit Threshold
I
LIMIT
Channel A & B; Peak LX current
2.25
3.0
3.75
A
Oscillator Frequency
f
OSC
Channel A & B
2.0
2.5
3.0
MHz
LX Leakage Current(2)
I
LK(LX)
Channel A & B; V
IN = 5.5V; LX = 0V; CTL0-2= GND
-0
-
µA
Channel A & B; V
IN = 5.5V; LX = 5.0V; CTL0-2= GND

0
Foldback Holding Current
I
CL_HOLD
Average LX Current, V
OUT =.5V
600
mA
High Side Switch Resistance(3)
R
DSON_P
Channel A & B; I
LX= 00mA, TJ= 25 °C
95
mΩ
Low Side Switch Resistance
R
DSON_N
Channel A & B; I
LX= -00mA, TJ= 25 °C
65
CTLx Input Current(2)
I
CTL_
Channel A & B; CTL
0-2=VIN or GND
-2.0
2.0
µA
CTLx Input High Threshold
V
CTLx_HI
Channel A & B
.6
V
CTLx Input Low Threshold
V
CTLx_LO
Channel A & B
0.4
V
Impedence of PGOOD Low
R
PGOOD_LO
8
Ω
PGOOD Threshold
V
PG_TH
VOUT rising
90
%
PGOOD Delay
V
PG_DLY
Asserted
2
ms
PGOOD= Low
20
μs
V
OUT Over Voltage Protection
V
OVP
Channel A & B
5
%
Thermal Shutdown Temperature(4)
T
SD
Channel A & B
60
°C
Thermal Shutdown Hysteresis(4)
T
SD_HYS
Channel A & B
0
°C
Electrical Characteristics (continued)
Notes:
() The “Output Voltage Tolerance” includes output voltage accuracy, voltage drift over temperature.
(2) A negative current means the current flows from the pin and a positive current means the current flows into the pin.
(3) Measured from VIN
A/B to LXA/B.
(4) Thermal shutdown protection is independent for each channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com