Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 10Page - Semtech Corporation SC284P Datasheet HTML 11Page - Semtech Corporation SC284P Datasheet HTML 12Page - Semtech Corporation SC284P Datasheet HTML 13Page - Semtech Corporation SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
4
SC284P
Applications Information
Detailed Description
The SC284P is a two channel synchronous step-down
converter. Both channels of this device are designed
to operate at a fixed-frequency of 2.5MHz in CCM and
provide the same current capacity of up to 2A. The
switching frequency is chosen to minimize the size of the
external inductor and capacitors while maintaining high
efficiency. Both channels of SC284P are independent.
Operation
During normal operation, the PMOS FET is activated on
each rising edge of the internal oscillator. The voltage
feedback loop uses an internal feedback resistor divider.
The period is set by the internal oscillator. The device has
an internal synchronous NMOS rectifier and does not
require a Schottky diode on the LXpin.
Programmable Output Voltage
Both channels on SC284P have seven pre-determined
output voltage values which can be individually selected
by programming the CTL input pins (see Table  — Output
Voltage Settings). Each CTL pin has an active  MΩ internal
pull-down resistor. The MΩ resistor is switched in circuit
whenever the CTL input voltage is below the input
threshold, or when the part is in under-voltage lockout. It is
recommended to tie all high CTL pins together and use an
external pull-up resistor to V
IN if there is no enable signal, or
if the enable input is an open drain/collector signal.The CTL
pins may be driven by a microprocessor to allow dynamic
voltage adjustment for systems that reduce the supply
voltage when entering sleep states. Avoid all zeros being
present on the CTL pins when changing programmable
output voltages as this would momentarily disable the
device.
SC284P is also capable of regulating a different (higher)
output voltage, which is not shown in the Table , via an
external resistor divider.There will be a typical 2µA current
flowing into the V
OUT pin. The typical schematic for an ad-
justableoutputvoltageoptionfromthestandard.0Vwith
CTL
X=[00], is shown in Figure . RFBA/B and RFB2A/B are used
to adjust the desired output voltage. If the R
FB2A/B current
is such that the 2µAV
OUT pin current can be ignored, then RFBA/B
can be found by the next equation. R
FB2A/B need to be low
enough in value for the current through the resistor chain
to be at least 20µA in order to ignore the V
OUT pin current.
where V
OSTD is the pre-determined output voltage via the
CTL pins.
C
FF is needed to maintain good transient response
performance. The correct value of C
FF can be found using
the following equation.
To simplify the design, it is recommended to program the
desired output voltage from a standard .0V as shown in
Figure  with the correct C
FF calculated from Equation 2.
For programming the output voltage from other standard
voltages, R
FB, RFB2 and CFF need to be adjusted to meet
Equations  and 2.
SC284P
PGOODB
CTL3B
CTL2B
CTL1B
Enable B
PGOODA
CTL3A
CTL2A
CTL1A
Enable A
PGNDA
PGNDB
RFB1B = (VOUTB-1)
x RFB2B
for CTLBX = 0010
(1.0V)
AVINB
VINB
CAVINB
0.1µF
RAVINB 1Ω
PVINB
CINB
10µF
AGNDB
AVINA
VINA
CAVINA
0.1µF
RAVINA 1Ω
PVINA
CINA
10µF
AGNDA
VOUTB
COUTB
LXB
VOUTB
L
RFB2B
10kΩ
CFFB
RFB1B
VOUTA
COUTA
LXA
VOUTA
L
RFB2A
10kΩ
CFFA
RFB1A
RFB1A = (VOUTA-1)
x RFB2A
for CTLAX = 0010
(1.0V)
PGOODA
PGOODB
Figure 1 — Output Voltage Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com