Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 1 Page - Semtech Corporation

  SC284P Datasheet HTML 1Page - Semtech Corporation SC284P Datasheet HTML 2Page - Semtech Corporation SC284P Datasheet HTML 3Page - Semtech Corporation SC284P Datasheet HTML 4Page - Semtech Corporation SC284P Datasheet HTML 5Page - Semtech Corporation SC284P Datasheet HTML 6Page - Semtech Corporation SC284P Datasheet HTML 7Page - Semtech Corporation SC284P Datasheet HTML 8Page - Semtech Corporation SC284P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image

POWER MANAGEMENT
Dual Channel 2.5MHz, 2.0A Synchronous
Buck with Automatic Power Save
SC284P
© 204 Semtech Corporation
Features
V
IN Range — 2.75 – 5.5V
V
OUT Selectable — .0 - 3.3V
Up to 2A Output Current for Each Channel
Package with Ultra-Small Footprint : 3 x 3 x 0.6(mm)
Switching Frequency — 2.5MHz
Efficiency Up to 94%
High Light-load Efficiency via Automatic PSAVE
Mode
Low Output Noise in CCM
Excellent Transient Response
Start Up into Pre-Biased Output
00% Duty-Cycle Low Dropout Operation
Shutdown Current — <µA
Internal Soft-Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
V
OUT Further Adjustable Using External Resistors
PGOOD Feature
Lead-free, Halogen-free, and RoHS/WEEE Compliant
Applications
Wireless Access Point/Router/Modem
Femtocell
Set-Top Box
Point-Of-Sale
Projector
Description
The SC284P is a dual channel 2A synchronous step-down
regulator designed to operate with an input voltage
range of 2.75 to 5.5 Volts. Each channel offers seven
pre-determined output voltages via three control pins
programmable from .0 to 3.3 Volts. The control pins
allow for on-the-fly voltage changes, enabling system
designers to implement dynamic power savings. The
SC284P is also capable of adjusting the output voltage
via an external resistor divider.
The SC284P is optimized for maximum efficiency over a
wide range of load currents. During full load operation,
the device operates in PWM mode with fixed 2.5MHz
oscillator frequency, allowing the use of small surface
mount external components. As the load decreases,
the regulator will transition into Power Save mode
maintaining high efficiency.
Connecting CTL0 — CTL2 to logic low forces the device
into shutdown mode reducing the supply current to less
than µA. Connecting any of the control pins to logic
high enables the converter and sets the output voltage
according to Table . Other features include under-
voltage lockout, soft-start to limit inrush current, and
over-temperature protection.
Typical Application Circuit
Revision 2.
SC284P
CTL0A
CTL1A
CTL2A
PGOODA
CTL0A
CTL1A
CTL2A
PGOODA
CTL0B
CTL1B
CTL2B
PGOODB
CTL0B
CTL1B
CTL2B
PGOODB
AVINA
VINA
CAVINA 10nF
RAVINA 1Ω
PVINA
AVINB
VINB
CAVINB 10nF
RAVINB 1Ω
PVINB
PGNDB
AGNDB
PGNDA
AGNDA
CINA
10µF
CINB
10µF
COUTA
22µF
LXA
VOUTA
VOUTA
LA 2.2µH
LB 2.2µH
COUTB
22µF
LXB
VOUTB
VOUTB


Similar Part No. - SC284P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
More results

Similar Description - SC284P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
October 18, 2010
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
logo
Semtech Corporation
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Micrel Semiconductor
MIC2238-AAYMLTR MICREL-MIC2238-AAYMLTR Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com