Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 11Page - Semtech Corporation SC284P Datasheet HTML 12Page - Semtech Corporation SC284P Datasheet HTML 13Page - Semtech Corporation SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation SC284P Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
5
SC284P
Applications Information (continued)
Power Save Mode Operation
WhentheloadcurrentdecreasesbelowthePSAVEthreshold,
PWM switching stops and the device automatically enters
PSAVE mode.This threshold varies depending upon the in-
putvoltageandtheoutputvoltagesetting,optimizingeffi-
ciencyforallpossibleloadcurrentsinPWMorPSAVEmode.
While in PSAVE mode, output voltage regulation is
controlled by a series of switching bursts. During a
burst, the inductor current is limited to a peak value
which controls the on-time of the PMOS switch. Af-
ter reaching this peak, the PMOS switch is disabled
and the inductor current decreases to near 0mA.
Switching bursts continue until the output voltage climbs
to VOUT +2.5% or until the PSAVE current limit is reached.
Switching is then stopped to eliminate switching losses,
enhancing overall efficiency. Switching resumes when
the output voltage reaches the lower threshold of VOUT
and continues until the upper threshold again is reached.
Note that the output voltage is regulated hysteretically
while in PSAVE mode between VOUT and VOUT + 2.5%.
The period and duty cycle while in PSAVE mode are
solely determined by VIN and VOUT until PWM mode
resumes. This can result in the switching frequency be-
ing much lower than the PWM mode frequency. If the
output load current increases enough to cause VOUT to
decrease below the PSAVE exit threshold (VOUT-4%),
the device automatically exits PSAVE and operates in
continuous PWM mode. Note that the PSAVE high and
low threshold levels are both set at or above
VOUT to minimize undershoot when the SC284P
exits PSAVE mode and returns to PWM mode.
Figure 2 - Transitions Between PWM and PSAVE Modes
Power Good
PGOOD is an open-drain output.When the output volt-
age drops below nominal voltage, the PGOOD pin is
pulled low after a 20μs delay. During start-up, PGOOD
will be asserted .7ms (typ.) after the output voltage
reaches 90% of the final regulation voltage.Over volt-
age, fold-back current limit and thermal shutdown will
force PGOOD low after a 20μs delay. When recovering
from a fault, PGOOD will be asserted .7ms (typ.) af-
ter Vout reaches 90% of the final regulation voltage.
Maximum Power Dissipation
Each channel of SC284P has its own Θ
JA of 40°C/W when
only one channel is in operation. Since both channels are
within the same package, please make sure to use both
channelsforpowercalculations. Toguaranteeanoperating
junction temperature of less than 25°C, Figure 3 shows
the maximum allowable power loss for each channel. The
curve is based upon the junction temperature of either
channel reaching a maximum of 25°C. Each channel of
SC284P can support up to 2A load current.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
0 0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8
Loss of Channel A (W)
TA = 25°C
TA = 55°C
TA = 85°C
Figure 3 — Maximum allowable loss for each channel
for a maximum junction temperature of 125°C
VOUT - 4%
VOUT
V OUT +2.5%
Load
(IOUT)
BU R ST
O FF
VLX
Tim e
PW M M ode at
M edium/H igh
Load
PSAVE M ode at
Light Load
PW M M ode at
M edium /H igh
Load
PSAVE
EXIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com