Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 9Page - Semtech Corporation SC284P Datasheet HTML 10Page - Semtech Corporation SC284P Datasheet HTML 11Page - Semtech Corporation SC284P Datasheet HTML 12Page - Semtech Corporation SC284P Datasheet HTML 13Page - Semtech Corporation SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
3
SC284P
Block Diagram
Control
Logic
Plimit Amp
Current Amp
Voltage
Select
Oscillator and
Slope Generator
CTL1A 6
CTL2A
7
PGOODA 4
PWM
Comp
Error Amp
500mV
Ref
AVINA
3
VOUTA 18
CTL0A 5
AGNDA 2
PGNDA
19
LXA
20
PVINA
1
Control
Logic
Plimit Amp
Current Amp
Voltage
Select
Oscillator and
Slope Generator
CTL1B 16
CTL2B 17
PGOODB 14
PWM
Comp
Error Amp
500mV
Ref
AVINB 13
VOUTB
8
CTL0B 15
AGNDB 12
PGNDB
9
LXB
10
PVINB
11
PGOOD
Detector
Delay
PSAVE
Comp
PGOOD
Detector
Delay
PSAVE
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com