Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 5 Page - Semtech Corporation

  SC284P Datasheet HTML 1Page - Semtech Corporation SC284P Datasheet HTML 2Page - Semtech Corporation SC284P Datasheet HTML 3Page - Semtech Corporation SC284P Datasheet HTML 4Page - Semtech Corporation SC284P Datasheet HTML 5Page - Semtech Corporation SC284P Datasheet HTML 6Page - Semtech Corporation SC284P Datasheet HTML 7Page - Semtech Corporation SC284P Datasheet HTML 8Page - Semtech Corporation SC284P Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
SC284P
Typical Characteristics
Efficiency vs. Load Current
Total Loss (Per Channel) vs. Load Current
UVLO Rising Threshold
Circuit Conditions: C
IN= 0uF/6.3V; COUT= 22uF/6.3V, Unless otherwise noted, L= 2.2uH (TOKO: 27AS-2R2M).
UVLO Hysteresis
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Load Current (A)
VIN = 5V, VOUT = 3.3V
VIN = 5V, VOUT = 1.5V
VIN = 3.3V, VOUT = 1.5V
1000
800
Vin=3.3V,Vo=1.5V
600
400
Vin=5V,Vo=3.3V
200
Vin=5V,Vo=1.5V
0
0
0.5
1.0
1.5
2.0
Load Current (A)
TA=25
℃
2.60
2.62
2.64
2.66
2.68
2.70
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (0C)
170
175
180
185
190
195
200
-50
-25
0
25
50
75
100
125
150
Ambient Temperature (0C)
Steady State (PSAVE) Operation (I
OUT=200mA)
Steady State (PWM) Operation (I
OUT=2A)
I
OUT
200mA/div
500ns/div
V
IN = 5V
V
OUT = .5V
I
LX
500mA/div
500ns/div
V
IN = 5V
V
LX
2V/div
V
OUT = .5V
I
OUT
2A/div
I
LX
A/div
V
LX
2V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com