Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation SC284P Datasheet HTML 19Page - Semtech Corporation SC284P Datasheet HTML 20Page - Semtech Corporation SC284P Datasheet HTML 21Page - Semtech Corporation SC284P Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
SC284P
Figure 8 — PCB Bottom Layer
Applications Information (continued)
PCB Layout Considerations
The layout diagram in Figure 7 shows a recommended
PCB top layer for the SC284P and supporting components.
Figure 8 shows the bottom layer for this PCB. Fundamental
layout rules must be followed since the layout is critical for
achieving the performance specified in the Electrical
Characteristics table. Poor layout can degrade the perfor-
mance of the DC-DC converter and can contribute to EMI
problems, ground bounce, and resistive voltage losses.
Poor regulation and instability can result.
The following guidelines are recommended when devel-
oping a PCB layout:
The input capacitor, C
IN, should be placed as close
to the VIN and PGND pins as possible. This capacitor
provides a low impedance loop for the pulsed currents
present at the buck converter’s input. Use short wide
traces to connect as closely to the IC as possible.
This will minimize EMI and input voltage ripple by
localizing the high frequency current pulses.
Keep the LX pin traces as short as possible to minimize
pickup of high frequency switching edges to other
parts of the circuit. C
OUT and L should be connected as
close as possible between the LX and PGND pins, with
a direct return to the PGND pin from C
OUT.
Route the output voltage feedback/sense path away
from the inductor and LX node to minimize noise and
magnetic interference.
Use a ground plane referenced to the SC284P PGND
pin. Use several vias to connect to the component
side ground to further reduce noise and interference
on sensitive circuit nodes.
If possible, minimize the resistance from the output
and PGND pin to the load. This will reduce the voltage
drop on the ground plane and improve the load
regulation. It will also improve the overall efficiency
by reducing the copper losses on the output and
ground planes.
Connect the AGND pins to the thermal pad.
.
2.
3.
4.
5.
6.
Figure 7 — Recommended PCB Layout (Top Layer)
U1
C2
U1
R2
U1
C4
U1
C5
U1
L2
U1
C1
U1
R1
U1
C6
U1
L1
U1
C3
U1
Figure 9 — Recommended PCB Layout
(Top Layer Details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com