Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 13Page - Semtech Corporation SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation SC284P Datasheet HTML 19Page - Semtech Corporation SC284P Datasheet HTML 20Page - Semtech Corporation SC284P Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
7
SC284P
Applications Information (continued)
In general, the inductance is chosen by making the
inductor ripple current to be less than 30% of maximum
load current. When choosing an inductor, it is important
to consider the change in inductance with DC bias
current. The inductor saturation current is specified as
the current at which the inductance drops a specific
percentage from the nominal value. This is approximately
30%. Except for short-circuit or other fault conditions,
the peak current must always be less than the saturation
current specified by the manufacturer. The peak current is
the maximum load current plus one half of the inductor
ripple current at the maximum input voltage. Load and/or
line transients can cause the peak current to exceed this
level for short durations. Maintaining the peak current
below the inductor saturation specification keeps the
inductor ripple current and the output voltage ripple at
acceptable levels. Manufacturers often provide graphs of
actual inductance and saturation characteristics versus
applied inductor current. The saturation characteristics of
the inductor can vary significantly with core temperature.
Core and ambient temperatures should be considered
when examining the core saturation characteristics.
When the inductance has been determined, the DC
resistance (DCR) must be examined. The efficiency that
can be achieved is dependent upon the DCR of the
inductor. Lower values give higher efficiency. The RMS DC
current rating of the inductor is associated with losses in
the copper windings and the resulting temperature rise of
the inductor. This is usually specified as the current which
produces a 40˚C temperature rise. Most copper windings
are rated to accommodate this temperature rise above
maximum ambient.
Magnetic fields associated with the output inductor can
interfere with nearby circuitry. This can be minimized by
the use of low noise shielded inductors which use the
minimum gap possible to limit the distance that magnetic
fields can radiate from the inductor. However shielded
inductors typically have a higher DCR and are thus less
efficient than a similarly sized non-shielded inductor.
Final inductor selection depends upon various design
considerations such as efficiency, EMI, size, and cost. Table
2 lists the manufacturers of recommended inductor
options. The saturation characteristics and DC current
ratings are also shown.
Manufacturer
Part Number
L
(μH)
DCR
Max
(Ω)
Rated
Current
(A)
L at
Rated
Current
(μH)
Dimen-
sions
LxWxH
(mm)
TOKO
1071AS-1R0N
.00±30% 0.040
2.70
0.70
2.8x3.0x.5
TOKO
1127AS-2R2M
2.20±20% 0.048
2.50
.54
3.5x3.7x.8
Panasonic
ELLVGG1R0N
.00±23% 0.062
2.20
0.70
3.2x3.2x.5
Table 2 – Recommended Inductors
C
OUT Selection
The internal voltage loop compensation in the SC284P
limits the minimum output capacitor value to 22µF if using
a 2.2µH inductor or 44µF if using a µH inductor.This is due
to its influence on the the loop crossover frequency, phase
margin, and gain margin. The total output capacitance
should not exceed 50µF to avoid any start-up problems.
For most typical applications it is recommended to use an
output capacitance of 22µF to 44µF. When choosing the
output capacitor’s capacitance, verify the voltage derating
effect from the capacitor vendor’s data sheet.
Capacitors with X7R or X5R ceramic dielectric are
recommended for their low ESR and superior temperature
and voltage characteristics. Y5V capacitors should not
be used as their temperature coefficients make them
unsuitable for this application.
The output voltage droop due to a load transient is
determined by the capacitance of the ceramic output
capacitor. The ceramic capacitor supplies the load current
initially until the loop responds. Within a few switching
cycles the loop will respond and the inductor current will
increase to match the required load. The output voltage
droop during the period prior to the loop responding
can be related to the choice of output capacitor by the
relationship from the following equation.
The outputcapacitorRMSripplecurrentmaybecalculated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com