Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284P Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC284P
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284P Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC284P Datasheet HTML 14Page - Semtech Corporation SC284P Datasheet HTML 15Page - Semtech Corporation SC284P Datasheet HTML 16Page - Semtech Corporation SC284P Datasheet HTML 17Page - Semtech Corporation SC284P Datasheet HTML 18Page - Semtech Corporation SC284P Datasheet HTML 19Page - Semtech Corporation SC284P Datasheet HTML 20Page - Semtech Corporation SC284P Datasheet HTML 21Page - Semtech Corporation SC284P Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
8
SC284P
Applications Information (continued)
from the following equation.
Table 3 lists the manufac turers of recommended capacitor
options.
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Value
at
3.3V
(μF)
Dimensions
LxWxH
(mm)
Murata
GRM21BR60J106K
0±0%
X5R
6.3
4.74
2.0x.25x.25
(EIA:0805)
Murata
GRM219R60J106K
0±0%
X5R
6.3
4.05
2.0x.25x0.85
(EIA:0805)
Murata
GRM21BR60J226M
22±20%
X5R
6.3
6.57
2.0x.25x.25
(EIA:0805)
Murata
GRM31CR60J476M
47±20%
X5R
6.3
20.3
3.2x.6x.6
(EIA:206)
Table 3 – Recommended Capacitors
C
IN Selection
The SC284P source input current is a DC supply current
with a triangular ripple imposed on it. To prevent large
input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 0μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. It
should be noted a 0µF, 6.3V, X5R ceramic capacitor with
5V DC applied may exhibit a capacitance as low as 4.05µF.
To estimate the required input capacitor, determine the
acceptable input ripple voltage and calculate the
minimum value required for C
IN as shown by the following
equation.
The input capacitor RMS ripple current varies with the
input and output voltage. The maximum input capacitor
RMS current is found from the next equation .
The input voltage ripple and RMS current ripple are at
a maximum when the input voltage is twice the output
voltage or 50% duty cycle.
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimize stray inductance, the capaci-
tor should be placed as close as possible to the VIN and
GND pins of the SC284P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com