Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 39Page - NXP Semiconductors PCD6003 Datasheet HTML 40Page - NXP Semiconductors PCD6003 Datasheet HTML 41Page - NXP Semiconductors PCD6003 Datasheet HTML 42Page - NXP Semiconductors PCD6003 Datasheet HTML 43Page - NXP Semiconductors PCD6003 Datasheet HTML 44Page - NXP Semiconductors PCD6003 Datasheet HTML 45Page - NXP Semiconductors PCD6003 Datasheet HTML 46Page - NXP Semiconductors PCD6003 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
2001 Apr 17
43
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Table 43 Description of MSTAT bits
10.12.1.3 MSK Modem Data Buffer (MBUF)
Table 44 MSK Modem Data Buffer (SFR address C9H)
Table 45 Description of MBUF bits
BIT
SYMBOL
DESCRIPTION
7
MPOL
MIN polarity switch. If MPOL = 1, the value of the MIN pin is inverted before being
applied to the MSK block.
5
MRF
Modem receiver full flag. This bit is set when MBUF holds a newly received byte. MRF
is reset if the receiver is disabled (MREN = 0) or by reading MBUF. This bit is read-only.
Writing to it will have no effect.
4
MRE
Modem Receiver Error flag. Indicates the reception of a non-Manchester bit. This bit is
set by hardware and is reset by reading MBUF, by disabling the receiver (MREN = 0) or
by resetting MRI. This bit is read-only. Writing to it will have no effect.
3
MRP
Modem Receiver Preamble flag. This bit is set by hardware when the modem
recognized the programmed preamble pattern (AAAH, MPR3 to MPR0) after locking the
receiver clock (MRL = 1). MRP is reset by hardware if the receiver is disabled
(MREN = 0) or if non-Manchester data is received (MRE = 1). This bit is read-only.
Writing to it will have no effect.
2
MRL
Modem Receiver Clock Locked flag. This bit is set when the clock of the receiver is
locked, i.e. when the receiver has detected Manchester data but has not found the
preamble pattern yet. MRL is reset when the receiver detects a non-Manchester bit or
when the receiver is disabled. This bit is read-only. Writing to it will have no effect.
1
MTI
Modem Transmit Interrupt flag. Indicates MBUF is empty to accept a new byte for
transmission. This bit is reset by writing to MBUF or by writing a 0 to it. Writing a 1 to
MTI will set the bit. This allows to generate a hardware interrupt by software.
0
MRI
Modem Receive Interrupt flag. Indicates:
Modem Receiver Full (MRF = 1) or
Modem Receiver Error (MRE = 1) or
Modem Receiver Preamble (MRP = 1) or
Modem Receiver Clock Locked (MRL = 1)
This bit is reset by reading MBUF or by writing a logic 0 to MRI. A reset of MRI will also
reset MRE. Writing a logic 1 to MRI will have no effect.
76543210
D7
D6
D5
D4
D3
D2
D1
D0
BIT
SYMBOL
DESCRIPTION
7 to 0
D7 to D0
Writing to MBUF will load the data in the transmit buffer and automatically start a
transmission at MOUT if the transmitter is enabled (MTEN = 1). A new byte can be
loaded after MTI is set. If a new byte is loaded before the setting of MTI then the
previous byte will be lost. After data has been received at MIN, indicated by MRI, the
received byte can be read from MBUF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com