Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 7Page - NXP Semiconductors PCD6003 Datasheet HTML 8Page - NXP Semiconductors PCD6003 Datasheet HTML 9Page - NXP Semiconductors PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors PCD6003 Datasheet HTML 14Page - NXP Semiconductors PCD6003 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
2001 Apr 17
11
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
The line CODEC has 3 inputs which are configurable as
2 single-ended inputs LIFMIN1 and LIFMIN2 that can be
selected by software control, while LIFPIN is AC coupled
to ground. It is also possible to use one of the LIFMIN
inputs (leaving the other unconnected) in conjunction with
the LIFPIN input as a differential input, in case a high
CMRR is required.
The second CODEC is dedicated for a local microphone
and loudspeaker connection (CODEC2). This handsfree
CODEC has a differential low ohmic analog output which
consists of SPKRP and SPKRM. This output can be used
either differential or single ended. The speaker output
impedance and driving level is not suitable to directly
connect a speaker. The handsfree CODEC has a
differential microphone input which consists of MICP and
MICM. This differential input features a fixed 16 dB
microphone preamplifier.
Both the line and handsfree CODEC outputs have on-chip
filtering for out of band signals such that no external filters
are required.
There are 2
× 8-bit analog-to-digital inputs AD0IN and
AD1IN for voltage measurements which can be used for
parallel set detection algorithms or battery control. An 8-bit
DAC output DAOUT can provide an analog peripheral
control signal.
7.3
Overview of functional description
The detailed functional description is divided into separate
chapters covering the major functional blocks, as follows:
Chapter 8 “Power supply, reset and start-up”
Chapter 9 “TICB - generation and selection of system
clocks”
Chapter 10 “The microcontroller”
Chapter 11 “DSP I/O registers”
Chapter 12 “External memory interface”
Chapter 13 “The CODECs”
Chapter 16 “External I/O interfaces”.
8
POWER SUPPLY, RESET AND START-UP
8.1
Power supply
The PCD6003 core circuitry is supplied by three 3 V supply
pairs. The crystal oscillator and PLL are supplied with a
separate pair of supply pins to provide a ‘clean’ supply
voltage required for low jitter. The following supplies exist:
VDD3V1 and VSS3V1: digital core supply 1 (2.5 V)
VDD3V2 and VSS3V2: digital supply 2 (3.0 V)
VDD3V3 and VSS3V3: digital supply 3 (3.0 V)
VDDA and VSSA: analog supply (2.5 V)
VDDPLL and VSSPLL: crystal clock and PLL supply (2.5 V).
8.2
Reset and start-up
After applying the power supply voltage, the chip will need
an external Power-on reset via pin RSTIN. RSTIN should
remain active (logic 1) until Vtrh and has to become active
again before the power supply drops below Vtrl.
The reset via RSTIN is one of 3 possible ways to perform
a reset. The following reset conditions exist:
• Wake-up from system off (crystal is off, but power is on)
by an external interrupt
• RSTIN, reset in from pin RSTIN
• Watchdog Timer expires.
After a Power-on reset and after a wake-up from system
off, a counter is activated, which guarantees that the first
instruction fetch of the microcontroller is delayed by at
least 4096 clock cycles.
To reduce power consumption during reset, the following
reset strategy is used. If the DSP function is not required,
it can be switched off by the microcontroller. The DSP
reset will then be delayed (until it is switched on again), in
order to avoid a large (reset) power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com