Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 67Page - NXP Semiconductors PCD6003 Datasheet HTML 68Page - NXP Semiconductors PCD6003 Datasheet HTML 69Page - NXP Semiconductors PCD6003 Datasheet HTML 70Page - NXP Semiconductors PCD6003 Datasheet HTML 71Page - NXP Semiconductors PCD6003 Datasheet HTML 72Page - NXP Semiconductors PCD6003 Datasheet HTML 73Page - NXP Semiconductors PCD6003 Datasheet HTML 74Page - NXP Semiconductors PCD6003 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
2001 Apr 17
71
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
16 EXTERNAL I/O INTERFACES
16.1
External analog interfaces
16.1.1
GENERAL PURPOSE ADC AND DAC
For general use, for instance battery management, parallel
set detection or speaker amplifier volume control, a 2-line
multiplexed 8-bit ADC and an 8-bit DAC are on-chip. The
ADC and the DAC consist of several analog sub-blocks
called AVS and AAD, which are controlled by the digital
block DCA (see Fig.33). Block AVS generates voltages in
a time multiplexed way, and acts as a DAC with the
bandgap voltage VBGP as input voltage. Block AAD
contains a comparator that is part of the successive
approximation ADC formed by a combination of AVS, AAD
and DCA. The analog-to-digital conversion can be
performed on two external input signals: AD0IN and
AD1IN.
The whole circuit is active as long as the chip is in
System-on mode. Both the ADC and the DAC can be
controlled by the microcontroller, the SFR mapped
DCA block allowing the user a flexible interface to analog
peripherals.
16.1.2
GENERAL PURPOSE ADC
The on-chip ADC is a two channel multiplexed 8-bit
converter. The control of this converter is done via two bits
in the microcontroller GPADC SFR. One bit selects the
channel and the other bit is the converter request bit. The
request bit is reset by hardware when the converter has
finished its conversion cycle. The ADC (AAD in Fig.33), is
of the successive approximation type.
An internal register contains the value of the slider position
and is changed after each comparison of Vadc with one of
the two possible analog-to-digital inputs (AD0IN and
AD1IN). After 8 comparisons the conversion is finished
and the contents of the internal register is copied into the
register GPADR. Total analog-to-digital conversion time
(from setting the Request bit until GPADR ready) is less
than 50 ms. This register can in turn be read by the internal
microcontroller.
16.1.2.1
General Purpose ADC Register (GPADC)
Table 64 General Purpose ADC Register (SFR address C3H); reset state 00H
Table 65 Description of GPADC bits
16.1.2.2
General Purpose ADC Result Register (GPADR)
This register holds the 8-bit result value from the conversion. The conversion range is 0 to 2000 mV (VREF) with 8 mV
resolution.
Table 66 General Purpose ADC Result Register (SFR address C2H); reset state 00H, read only
76543210
−−−−−
AADC
CS
REQCOM
BIT
SYMBOL
DESCRIPTION
7to3
−
These 5 bits are reserved.
2
AADC
Automatic Analog-to-Digital Conversion. If AADC = 1, then a conversion is
performed every 30 ms, regardless of state of request confirm bit.
1CS
Channel Select. If CS = 0, analog-to-digital conversion input is on pin AD0IN. If CS = 1,
analog-to-digital conversion input is on pin AD1IN. Switching of the analog-to-digital
channel is only allowed when no analog-to-digital conversion currently is in progress.
Otherwise the resulting value will be corrupt.
0
REQCOM
Request Confirm.
76543210
A/D.7
A/D.6
A/D.5
A/D.4
A/D.3
A/D.2
A/D.1
A/D.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com