Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 59Page - NXP Semiconductors PCD6003 Datasheet HTML 60Page - NXP Semiconductors PCD6003 Datasheet HTML 61Page - NXP Semiconductors PCD6003 Datasheet HTML 62Page - NXP Semiconductors PCD6003 Datasheet HTML 63Page - NXP Semiconductors PCD6003 Datasheet HTML 64Page - NXP Semiconductors PCD6003 Datasheet HTML 65Page - NXP Semiconductors PCD6003 Datasheet HTML 66Page - NXP Semiconductors PCD6003 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
2001 Apr 17
63
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
The analog and digital parts of both CODECs can be
independently activated by the SYMOD register; see
Section 9.2.2. Bit 4 of SYMOD is used to activate the
microphone supply voltage, if the bit is logic 0 the supply is
off.
The balanced microphone input has a minimum differential
input resistance of RMICDM, and the balanced line interface
input has a minimum differential input resistance of
RLIFINDM.
The output resistance of the balanced CODEC outputs is
RLIFOUT for CODEC1 and RSPKR for CODEC2 at a
differential output level of 1350 mV (RMS). For exact
measurement conditions and specified values see
Section 17.5.
handbook, full pagewidth
MGT442
DTCON.4
CDVC1
ARS1
ATD1
DDF1
DNS1
DT1
DR1
LIFMOUT
line interface
output
line interface
input
loudspeaker
output
microphone
input
receive path
LIFPOUT
LIFMIN1
LIFMIN2
LIFPIN
CDVC2
ARS2
AMP
ATD2
DDF2
DNS2
DT2
DR2
transmit path
MICP
MICM
SPKRP
SPKRM
CODEC1
CODEC2
DSP
Fig.29 Block diagram of CODECs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com