Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 9Page - NXP Semiconductors PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors PCD6003 Datasheet HTML 14Page - NXP Semiconductors PCD6003 Datasheet HTML 15Page - NXP Semiconductors PCD6003 Datasheet HTML 16Page - NXP Semiconductors PCD6003 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 96 page
background image
2001 Apr 17
13
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
handbook, full pagewidth
MGT430
÷2
÷2
÷6
÷24
÷3
÷4
÷192
DCK
GENERATOR
CLK3GEN
control and synchronization
CODEC timing signals
CLK_21
CLK_3
CDCCNTRL
EMG_CLK
PLL
× 24
on
CLK_IN
SYMOD[5]
PLL_ON
CLK_28
CLK_21
CLK_14
0
1
CLK_7
CLK_1
CLK3_EMG
FSC
DCK
CLK_3
FS1
÷2
CLK_42
÷2
÷4
SYMOD[5]
PLL_ON
SYMOD[6 or 7]
PLL_IN
20.736 MHz
for a 3.456 MHz
PLL input clock
CLK3_CORR
CLK3_OUT
CKCON[6 or 7]
Fig.4 TICB input section and clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com