Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 76Page - NXP Semiconductors PCD6003 Datasheet HTML 77Page - NXP Semiconductors PCD6003 Datasheet HTML 78Page - NXP Semiconductors PCD6003 Datasheet HTML 79Page - NXP Semiconductors PCD6003 Datasheet HTML 80Page - NXP Semiconductors PCD6003 Datasheet HTML 81Page - NXP Semiconductors PCD6003 Datasheet HTML 82Page - NXP Semiconductors PCD6003 Datasheet HTML 83Page - NXP Semiconductors PCD6003 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
2001 Apr 17
80
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
17.5
CODECs
For all values specified, VREF is tuned to 2.0 V; unless mentioned differently, typical values for the analog-to-digital and
digital-to-analog filter characteristics conform to the G.712 specification.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Analog-to-digital path performance
VMIC
maximum microphone input level
notes 1 and 2
−−−8
dBm
RMIC(DM)
microphone input resistance from
MICM to MICP, differential mode
notes 3 and 4
−
250
−
k
Ω
RMIC(CM)
microphone input resistance from
MICM to VSSA or MICP to VDDA,
common mode
notes 3 and 5
−
25
−
k
Ω
VLIFIN(max)
maximum line input level
notes 1 and 6
−−−8
dBm
RLIFIN1(dif)
line input resistance from LIFMIN1 to
LIFPIN, differential mode
notes 3 and 7
−
1000
−
k
Ω
RLIFIN1(CM)
minimum line input resistance from
LIFMIN1 to VSSA or LIFPIN to VDDA,
common mode
notes 3 and 8
−
25
−
k
Ω
RLIFIN2(dif)
minimum line input resistance from
LIFMIN2 to LIFPIN, differential mode
notes 3 and 9
−
50
−
k
Ω
RLIFIN2(CM)
minimum line input resistance from
LIFMIN2 to VSSA, common mode
notes 3 and 10
−
1000
−
k
Ω
G(A/D)(7dB)
typical analog-to-digital path gain of
CODEC1/ CODEC2 from LIF/MIC to
DR1/DR2
notes 1 and 11
−
7.1
−
dB
G(A/D)(23dB)
notes 1 and 12
−
23.5
−
dB
G(A/D)(35dB)
notes 1 and 13
−
35.5
−
dB
G(A/D)(preamp)
additional path gain for CODEC2
microphone preamplifier
notes 1 and 14
−
14.5
−
dB
∆G
(A/D)(7dB/23dB)
delta analog-to-digital path gain of
CODEC1/ CODEC2 from LIF/MIC to
DR1/DR2
notes 1 and 15
−1
01dB
∆G
(A/D)(35dB)
notes 1 and 16
−1.5
0
1.5
dB
F(A/D)(idle)
analog-to-digital idle channel noise
notes 1 and 17
−−85
−75
dBm0p
S/(N+THD)(A/D)(−25) analog-to-digital signal-to-(noise + total
harmonic distortion) ratio for CODEC2
at 23 dB gain
notes 1 and 18
−
76
−
dBp
S/(N+THD)(A/D)(−49)
notes 1 and 19 40
52
−
dBp
S/(N+THD)(A/D)(−65)
notes 1 and 20
−
36
−
dBp
S/(N+THD)(A/D)(−9)
analog-to-digital signal-to-(noise + total
harmonic distortion) ratio for CODEC1
at 7 dB gain
notes 1 and 21
−
78
−
dBp
S/(N+THD)(A/D)(−25)
notes 1 and 22
−
62
−
dBp
S/(N+THD)(A/D)(−49)
notes 1 and 23 24
38
−
dBp
td(g)(A/D)
analog-to-digital path group delay
−
500
−µs
Digital-to-analog path performance
VLIFOUT(dif)
maximum line interface differential
output level
note 24
−
1400
−
mV
RLIFOUT
line interface output resistance
note 25
−
20
−Ω
VSPKRD
maximum speaker differential output
level
note 26
−
1400
−
mV
RSPKR
speaker output resistance
note 25
−
8
−Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com