Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 61Page - NXP Semiconductors PCD6003 Datasheet HTML 62Page - NXP Semiconductors PCD6003 Datasheet HTML 63Page - NXP Semiconductors PCD6003 Datasheet HTML 64Page - NXP Semiconductors PCD6003 Datasheet HTML 65Page - NXP Semiconductors PCD6003 Datasheet HTML 66Page - NXP Semiconductors PCD6003 Datasheet HTML 67Page - NXP Semiconductors PCD6003 Datasheet HTML 68Page - NXP Semiconductors PCD6003 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
2001 Apr 17
65
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
14.2
Analog Voltage Source (AVS)
The analog voltage source generates the following
voltages:
• A precise reference voltage VREF. The value in register
VREFR determines the VREF. In the application this
voltage should be tuned to 2000 mV, since it will
determine the absolute accuracy of the auxiliary
analog-to-digital and digital-to-analog conversion. VREF
is the direct output of an opamp which can source an
output current, and not sink. An external capacitor
should be connected between VREF and VSSA for
stability and noise performance. The reference voltage
can also directly supply an external electret microphone
via pin VMIC. The switch between VREF and VMIC is
controlled via bit 4 in the SYMOD special function
register.
• An analog output voltage DAOUT. This voltage can be
set between approximately 8 mV (1 LSB = VREF/256)
and VREF (= 2000 mV) by changing the contents of
register GPDAR. This large range is possible when no
opamp is used.
This causes a relatively high output resistance with a
settling time of about 10 ms. The dynamic switching of
DAOUT causes the output resistance to be dependent
of the actual load on DAOUT. This effect can be
cancelled if an external capacitor larger than 500 pF
between DAOUT and VSSA is applied. This will however
result in a slower settling time of the output voltage, to
about 30
µs.
• The internal analog common mode voltage Vacm, used
in the CODEC.
• The internal voltage Vadc is used only when an
analog-to-digital conversion is executed.
As mentioned above, for highest analog performance the
reference voltage VREF has to be adjusted in the
application to 2000 mV. For this purpose the VREFR SFR
has been defined. The reset state should ensure that the
reference voltage is about 2000 mV on a typical device.
Exact adjustment has to be done under software control
using the VREFR register, where increasing the VREFR
value will decrease the reference voltage.
14.2.1
VOLTAGE REFERENCE REGISTER (VREFR)
Table 57 Voltage Reference Register (SFR address BAH); reset state A0H
76543210
VREF.7
VREF.6
VREF.5
VREF.4
VREF.3
VREF.2
VREF.1
VREF.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com