Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 8Page - NXP Semiconductors PCD6003 Datasheet HTML 9Page - NXP Semiconductors PCD6003 Datasheet HTML 10Page - NXP Semiconductors PCD6003 Datasheet HTML 11Page - NXP Semiconductors PCD6003 Datasheet HTML 12Page - NXP Semiconductors PCD6003 Datasheet HTML 13Page - NXP Semiconductors PCD6003 Datasheet HTML 14Page - NXP Semiconductors PCD6003 Datasheet HTML 15Page - NXP Semiconductors PCD6003 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
2001 Apr 17
12
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
9
TICB - GENERATION AND SELECTION OF
SYSTEM CLOCKS
The TICB generates the clocks for all digital chip blocks,
and controls the on/off switching of these blocks by using
clock gating. The TICB is controlled via the microcontroller
SFR registers SYMOD, CKCON and SPCON. The TICB
contains:
• An input section to adapt to different input clock rates
• A clock generation section
• A clock selection section
• The Real-Time Clock for a 1 minute interrupt generation
• The microcontroller interrupt timers (FS_event and
TIME_event) and the DSP interrupt timer (FS1) to
respectively synchronize the microcontroller and DSP
processes.
9.1
Microprocessor, DSP, CODEC and IOM clock
generation
Figure 4 shows the TICB input section and the clock
generation section.
The clock generation section contains a PLL to generate
the clock rates which are higher then the input clock rate.
With the input section, a wider variety of input clock
frequencies can be adapted to the input frequency values
needed by the PLL (3.456 or 3.580 MHz).
In order to save power the PLL can be switched off. This
should however only be done when the chip is in the
Emergency mode. When switching on the PLL, it takes
40
µs (173 emergency clock periods) until the clock
frequencies are derived from the PLL output.
Table 2 gives a description of the signals and their values
for a crystal frequency of 3.456 and 3.580 MHz.
The clock generation section also contains logic to
synchronize the CODEC timing signals and the DSP and
microcontroller interrupt timers to an external Frame
Sync. (FSC). This synchronization is only activated when
using the IOM in Slave mode. If the IOM is activated in
Master mode, the TICB generates the DCK and
FSC signals from CLK28.
Some of the clock signals can be made available as
general purpose clock, for various peripherals needing a
clock source such as an PCA1070 line interface. This
general purpose clock (GPC) signal is an alternative
output of P4.5 and can be turned on with ALTP bit 3. With
ALTP bit 2, the source for GPC can be defined. The GPC
source is EMG_CLK (normally 3.58 MHz) when bit 2 is
logic 0 and the GPC source is
µC_CLK when bit 2 is set to
logic 1. As a spike-free GPC is not guaranteed when
switching between these clocks, it is recommended to first
set the clock source before switching on the GPC. The
ALTP register is described in more detail in Section 16.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com