Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD6003 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCD6003
Description  Digital telephone answering machine chip
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD6003 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCD6003 Datasheet HTML 65Page - NXP Semiconductors PCD6003 Datasheet HTML 66Page - NXP Semiconductors PCD6003 Datasheet HTML 67Page - NXP Semiconductors PCD6003 Datasheet HTML 68Page - NXP Semiconductors PCD6003 Datasheet HTML 69Page - NXP Semiconductors PCD6003 Datasheet HTML 70Page - NXP Semiconductors PCD6003 Datasheet HTML 71Page - NXP Semiconductors PCD6003 Datasheet HTML 72Page - NXP Semiconductors PCD6003 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
2001 Apr 17
69
Philips Semiconductors
Product specification
Digital telephone answering machine chip
PCD6003
Table 62 Timing parameters in IOM mode
Notes
1. Corresponds to the highest DCK frequency allowed (4.096 MHz) with a 10% margin.
2. Condition CL = 150 pF.
SYMBOL
PARAMETER
MIN.
MAX.
UNITS
tr(DCK)
data clock rise time
−
60
ns
tf(DCK)
data clock fall time
−
60
ns
TDCK
data clock period
220(1)
−
ns
tWH
data clock HIGH time pulse width
80
−
ns
tWL
data clock LOW time pulse width
80
−
ns
tr(FSC)
frame sync rise time
−
60
ns
tf(FSC)
frame sync fall time
−
60
ns
td(FSC)
frame sync delay time
−tWL
60
ns
tsu(FSC)
frame sync set-up time
60
−
ns
tWFH
frame sync HIGH time pulse width
130
−
ns
td(DC)
output data to data clock delay time
−
100(2)
ns
td(DF)
output data to frame sync delay time
−
150(2)
ns
tsu(D)
input data set-up time
tWH
−
ns
th(D)
input data hold time
50
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com