Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 27 of 35
PLLs in which the loop gain passes through 0 dB above the R2C2
zero and below the R2C3 pole and R3C4 pole are stable. At low
charge pump currents, the loop gain passes through zero above
R2C2 zero. At high charge pump currents, the loop gain passes
through zero below the R2C3 pole and R3C4 pole (see Figure 97).
0
LOG FREQUENCY
0dB FULL LOOP GAIN
LOW CURRENT
0dB FULL LOOP GAIN
HIGH CURRENT
LOOP FILTER GAIN
LOOP WITHOUT FILTER, HIGH CURRENT
LOOP WITHOUT FILTER, LOW CURRENT
LOOP FILTER
FULL LOOP, HIGH CURRENT
FULL LOOP, LOW CURRENT
Figure 97. Gain vs. Frequency of PLL and Loop Filter
Figure 98 shows the measured phase noise vs. frequency offset
from 12 GHz carrier for different charge pump currents (ICP).
Generally, most operations have a charge pump current of
2.5 mA and below. Refer to the UG-383 User Guide for details
on running these tests and setting up the software required.
–180
–160
–140
–120
–100
–80
–60
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM 12GHz CARRIER (Hz)
ICP = 4.7mA
ICP = 2.5mA
ICP = 0.31mA
Figure 98. Phase Noise vs. Frequency Offset from 12 GHz Carrier for Different
Charge Pump Currents (ICP)
The Analog Devices simulation tool, ADIsimPLL, allows the
design and simulation of PLL loop filter topologies and has a
library of Analog Devices op amps built in. The simulation tool
accurately predicts PLL closed-loop phase noise and is able to
model the effect of op amp noise along with the noise of the
other PLL loop components. For more information about the
ADIsimPLL design tools, refer to www.analog.com/ADIsimPLL.
TRANSIMPEDANCE AMPLIFIER
The ADA4625-1 is an excellent choice for low noise transimpe-
dance amplifier (TIA) applications. While its low voltage and
current noise maximize signal-to-noise ratio (SNR), its low
voltage offset and input bias current minimize the dc error at
the amplifier output. Having a true ground sense capability, the
ADA4625-1 is ideal for single-supply operation. In addition, its
rail-to-rail output swing allows the detection and amplification
of a wide range of input current signals. Figure 99 shows the
ADA4625-1 as a current to voltage (I-V) converter with an
electrical model of a photodiode.
–
+
VOUT
VB
CD
CM
CM
RSH = 1011Ω
CD
ID
CF
RF
ADA4625-1
Figure 99. Equivalent TIA Circuit
Photodiodes can operate in either photovoltaic mode (zero
bias) or photoconductive mode (with an applied reverse-bias
across the diode). Mode selection depends on the speed and
dark current requirements of the application and the choice of
photodiode. In photovoltaic mode, the dark current is at a
minimum and is preferred for low frequency and/or low light
level applications (that is, PN photodiodes). Photoconductive
mode is better for applications that required faster and linear
responses (that is, PIN photodiodes); however, the tradeoffs
include increases in dark and noise currents.
The following transfer function describes the transimpedance
gain of Figure 99:
F
F
F
D
OUT
R
sC
R
I
V
+
=
1
(1)
where:
VOUT is the desired output dc voltage of the op amp.
ID is the output current of the photodiode.
RF and CF are the feedback resistor and capacitor. The parallel
combination of RF and CF sets the signal bandwidth.
s is the s plane.
Set RF such that the maximum attainable output voltage
corresponds to the maximum diode output current. Because
signal levels increase directly with RF, while the noise due to RF
increases with the square root of the resistor value, employing
the full output swing maximizes the SNR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com