Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 8 of 35
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
ADA4625-1
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECTION. DO NOT CONNECT TO THIS PIN.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO GND,
V+ OR V– PLANE, OR LEAVE IT FLOATING.
Figure 3. ADA4625-1 Pin Configuration
Table 6. Pin Function Descriptions, ADA4625-1
Pin No.
Mnemonic
Description
1, 5, 8
NC
No Connection. Do not connect to these pins.
2
−IN
Inverting Input Pin.
3
+IN
Noninverting Input Pin.
4
V−
Negative Supply Voltage Pin.
6
OUT
Output Pin.
7
V+
Positive Supply Voltage Pin.
EPAD
Exposed Pad. Connect the exposed pad to GND, V+ or V− plane, or leave it floating.
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4625-2
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED PAD TO GND,
V+ OR V– PLANE, OR LEAVE IT FLOATING.
Figure 4. ADA4625-2 Pin Configuration
Table 7. Pin Function Descriptions, ADA4625-2
Pin No.
Mnemonic
Description
1
OUT A
Output Pin for Channel A.
2
−IN A
Inverting Input Pin for Channel A.
3
+IN A
Noninverting Input Pin for Channel A.
4
V−
Negative Supply Voltage Pin.
5
+IN B
Noninverting Input Pin for Channel B.
6
−IN B
Inverting Input Pin for Channel B.
7
OUT B
Output Pin for Channel B.
8
V+
Positive Supply Voltage Pin.
EPAD
Exposed Pad. Connect the exposed pad to GND, V+ or V− plane, or leave it floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com