Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 26Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 23 of 35
THEORY OF OPERATION
Figure 87 shows the simplified circuit diagram for the
ADA4625-1/ADA4625-2. The JFET input stage architecture
offers the advantages of low input bias current, high bandwidth,
high gain, low noise, and no phase reversal when the applied
input signal exceeds the common-mode voltage range. The
output stage is rail to rail with high drive characteristics and low
dropout voltage for both sinking and sourcing currents.
INPUT AND GAIN STAGES
To achieve high input impedance, low noise, low offset, and low
offset drift, the ADA4625-1/AD4625-2A uses large input
N channel JFETs (M1 and M2). These JFETs operate with the
S source at about 1.2 V above the G gate. In the worst case, the
source is only 0.9 V above the gate. By design, the normal operation
of the input tail current (ITAIL) extends down to 0.6 V above V−,
which gives the ADA4625-1/ADA4625-2 an input common-mode
range down to 0.2 V below V− with margin. Resistive loads keep
the noise low. The BUFF1 buffer drives the top of the input load
resistors (R1 and R2), keeping the voltage drop across M1 and
M2 nearly constant, making a virtual cascode. The differences
of the input voltages of +IN and –IN steer ITAIL through M1 and
M2 to R1 and R2, generating a differential voltage. The first
voltage to current gain block (GM1) translates that differential
voltage into differential currents (I1 and I2) that drive the current
mirror (Q1 and Q2), which generates a differential voltage
between the reference node and gain node. JFET inputs of the
second voltage to current gain block (GM2) maximizes the gain
node impedance, giving the ADA4625-1/ADA4625-2 a high gain.
OUTPUT STAGE
The GM2 gain block generates two pairs of differential currents.
One pair drives the bottom current mirror (Q3 and Q4) and the
NPN output transistor (Q7), and the second pair drives the top
current mirror (Q5 and Q6) and the output PNP transistor (Q8).
The common emitter output transistors (Q7 and Q8) source and
sink current rail to rail. GM2 also senses the base voltages of Q7
and Q8 and adjusts the I4 and I6 currents; with no output load,
Q7 and Q8 collector currents are 0.6 mA. In addition, GM2
clamps the base voltages of Q7 and Q8 so neither completely
turns off.
+IN
+IN
V–
V+
INPUT
TAIL CURRENT
–IN
OUT
TCVOS
TRIM
JFET
INPUT PAIR
5 V
LEVEL SHIFT
D
G
G
D
S
G
G
D
S
D
S
S
M4
M3
M1
M2
Q10
I1
I2
I5
I6
I3
I4
BIAS
ITC1
ITAIL
ITC2
Q9
Q1
CCOMP2
CCOMP1
OUTPUT
PNP
OUTPUT
NPN
Q2
–IN
GM1
R2
R1
DIFFERENTIAL
VOLTAGE
INPUT LOAD
RESISTORS
AND VOS TRIM
DIFFERENTIAL
CURRENTS
GAIN NODE
REF NODE
V/I GAIN
BUFF1
Q3
Q4
Q7
Q8
Q5
Q6
GM2
V/I GAIN AND
OUTPUT
BIAS
Figure 87. Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com