Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 31Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 32Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 33Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 34Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 34 of 35
3.9MΩ
1/2
ADA4625-2
2
3
1
10pF
100pF
4.7kΩ
1.5kΩ
470kΩ
500kΩ
100kΩ
31
PREAMP
OUT
1/2
ADA4625-2
6
5
7
10pF
470kΩ
PREAMP
LOW
390pF
560kΩ
0.022µF
DC SUPPLY
1MΩ
AC SUPPLY
0.47pF
T
R
Figure 111. Guitar Preamplifier
TYPICAL OFFSET ≈ 30µV.
1% TOLERANCES
VIN = 10V p-p, VOUT = –110dB AT f > 300Hz
VOUT = –6dB AT f = 16Hz
THE LOW INPUT BIAS CURRENTS ALLOW THE USE OF HIGH RESISTOR VALUES.
1/2
ADA4625-2
2
3
8
4
1
+18V
–18V
1/2
ADA4625-2
6
5
7
R2
237kΩ
R3
249kΩ
R4
154kΩ
R6
249kΩ
R1
237kΩ
C1
33nF
C3
10nF
C2
100nF
C4
330nF
VIN
R5
154kΩ
VOUT
Figure 112. 10 Hz Fourth-Order Chebyshev Low-Pass Filter (0.01 dB Ripple)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com