Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 31Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 32Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 33Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 34Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 33 of 35
TYPICAL APPLICATIONS
R8
100MΩ
R7
1MΩ
1/2
ADA4625-2
2
3
8
4
1
+18V
–18V
R3
3.9kΩ
C11
R11
100MΩ
R2
200Ω
HYDRO-
PHONE
CT
1/2
ADA4625-2
6
5
7
C2
0.47µF
R6
100kΩ
R4
1MΩ
R5
1MΩ
OUTPUT
DC OUTPUT ≤ 750µV FOR TA < 125°C.
OUTPUT VOLTAGE NOISE = 128nV/√Hz AT 1kHz (GAIN = 20).
C1 ≈ CT ≈ 100pF TO 5000pF; R4 × C2 > R8 × CT.
1OPTIONAL
Figure 109. Low Noise Hydrophone Amplifier with DC Servo
1/2
ADA4625-2
2
3
8
4
1
+18V
–18V
1/2
ADA4625-2
6
5
7
C2
2µF
R3
2kΩ
R4
20MΩ
R5
20MΩ
R4 × C2 = R5 × C3 > R1 (1 + R2/R3) C1.
OUTPUT = 0.8mV/pC = 80mV/g.
DC OUTPUT ≤ 1mV FOR TA < 25°C.
OUTPUT NOISE = 6.6nV/√Hz AT 1kHz.
ACELEROMETER
B & K MODEL 4381
OR EQUIVALENT
C3
2µF
R1
100MΩ
R2
18kΩ
C1
1250pF
OUTPUT
Figure 110. Accelerometer Amplifier with DC Servo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com