Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 6 of 35
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Slew Rate
SR
VOUT = 0.5 V to 4.5 V, RL = 2 kΩ, AV = −1
32
V/μs
VOUT = 0.5 V to 4.5 V, RL = 2 kΩ, AV = −5
27
V/μs
Gain Bandwidth Product
GBP
AV = 100
16
MHz
Unity-Gain Crossover
UGC
AV = 1
11.2
MHz
−3 dB Bandwidth
−3 dB
AV = 1
16
MHz
Phase Margin
ΦM
ADA4625-1
86
Degrees
ADA4625-2
71
Degrees
Channel Separation
CS
VIN = 15 V p-p, f = 1 kHz, RL = 2 kΩ, AV = 100
108
dB
VIN = 15 V p-p, f = 100 kHz, RL = 2 kΩ, AV = 100
88
dB
Settling Time
tS
ADA4625-1
To 0.1%, VIN = 4 V step, RL = 2 kΩ, CL = 15 pF, AV = −1
600
ns
To 0.01%, VIN = 4 V step, RL = 2 kΩ, CL = 15 pF,
AV = −1
950
ns
ADA4625-2
To 0.1%, VIN = 4 V step, RL = 2 kΩ, CL = 15 pF, AV = −1
1250
ns
To 0.01%, VIN = 4 V step, RL = 2 kΩ, CL = 15 pF,
AV = −1
1350
ns
EMI REJECTION RATIO
EMIRR
f = 1000 MHz
ADA4625-1/ADA4625-2
56
dB
f = 2400 MHz
ADA4625-1
87
dB
ADA4625-2
79
dB
NOISE PERFORMANCE
Peak-to-Peak Noise
eN p-p
0.1 Hz to 10 Hz
0.15
μV p-p
Voltage Noise Density
eN
f = 10 Hz
5.5
nV/√Hz
f = 100 Hz
3.6
nV/√Hz
f = 1 kHz
3.3
nV/√Hz
Current Noise Density
iN
f = 1 kHz
4.5
fA/√Hz
Total Harmonic Distortion + Noise
THD + N
AV = 1, f = 10 Hz to 20 kHz, RL = 2 kΩ,
VIN = 0.6 VRMS at 1 kHz
Bandwidth = 80 kHz
ADA4625-1
0.0003
%
−109
dB
ADA4625-2
0.002
%
−93
dB
Bandwidth = 500 kHz
ADA4625-1
0.0007
%
−103
dB
ADA4625-2
0.004
%
−89
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com