Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADA4625-1/ADA4625-2
Data Sheet
Rev. A | Page 22 of 35
140
60
–40
125
TEMPERATURE (°C)
70
80
90
100
110
120
130
–25 –10
5
20
35
50
65
80
95 110
VSY = ±5V TO ±18V
VSY = +4.5V TO +10V
Figure 83. PSRR vs. Temperature
0
–140
–120
–100
–80
–60
–40
–20
10k
100k
1M
100M
10M
FREQUENCY (Hz)
VSY = ±18V
VSY = ±2.5V
AV = 10
VIN = 1V p-p
RL = 2kΩ
Figure 84. Channel Separation vs. Frequency
25
–25
–40
125
TEMPERATURE (°C)
–20
–15
–10
–5
0
5
10
15
20
–25 –10
5
20
35
50
65
80
95 110
VSY = 5V, VCM = 1.5V
VSY = ±18V
Figure 85. VOS vs. Temperature
40
35
30
25
20
15
10
5
0
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±18V
VSY = ±2.5V
MAXIMUM
OUTPUT
VOLTAGE
WITHOUT SID
Figure 86. Maximum Peak-to-Peak Output Voltage Without Slew Rate
Induced Distortion (SID) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com