Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 27Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 28Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 29Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 30Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 31Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 32Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 33Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 34Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 31 of 35
DAC OUTPUT DRIVER
AD5791B
RFB
INV
1/2
AD8676B
1/2
AD8676B
VOUT
7
8
11
14
13
12
6
2
1
20
3
4
5
10
15
18
16
19
CLR
LDAC
SDO
SYNC
SCLK
SDIN
RESET
+15V
+3.3V
–15V
+
ADA4625-1
1/2
AD8676B
1/2
AD8676B
+ –
+ –
+
–
A1
C1
B1
B2
PRECISION
5V DC
SOURCE
SPI INTERFACE
AND DIGITAL
CONTROL
–10V TO +10V
OUTPUT
VOLTAGE
0.1µF
10µF
10µF
10µF
0.1µF
0.1µF
10µF
1kΩ
R1
1.5kΩ
R3
2kΩ
R5
R2
1kΩ
C1
+15V
−15V
+15V
−15V
+15V
−15V
+
–
+
–
A2
1kΩ
R4
9
17
Figure 105. 20-Bit Accurate, ±10 V Voltage Source (Simplified Schematic: All Connections and Decoupling Not Shown)
ADA4625-1 can be used as an output buffer for 20-bit accurate,
±10 V voltage source with the AD5791 and the LTC6655. The
low voltage noise, low drift output drive capability of the
ADA4625-1, as well as dynamic parameters such as fast settling
time and slew rate make the device an ideal DAC output buffer.
It is recommended to provide supplies of ±15 V to obtain the
full potential of the ADA4625-1 in this application due to the
input VCM range of the device.
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
200000
400000
600000
800000
1000000
1200000
DAC CODES
LTC6655 REFERENCE
ADA4625-1 OUTPUT BUFFER
ON-BOARD SUPPLIES FROM ADP7118 AND ADP7182
3458A DMM, NPLC = 10
STEP SIZE = 1024
TA = 25°C
Figure 106. AD5791 with LTC6655 and ADA4625-1 as Output Buffer INL
Performance
Figure 106 and Figure 107 show the INL response with the
EVAL-AD5791SDZ and the step response of the ADA4625-1 in
comparison to the AD8675, respectively.
TIME (500ns/DIV)
ADA4625-1
AD8675
TA = 25°C
EVAL-AD5791SDZ
1V STEP FROM DAC
OUTPUT READ AT VO_BUF
Figure 107. Step Response with ADA4625-1 and AD8675 Output Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com