Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4625-2ARDZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4625-2ARDZ-R7
Description  36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-2ARDZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4625-2ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4625-2ARDZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
ADA4625-1/ADA4625-2
Rev. A | Page 7 of 35
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
40 V
Input Voltage
(V−) − 0.2 V to
(V+ ) + 0.2 V
Differential Input Voltage
(V−) − 0.2 V to
(V+) + 0.2 V
Input Current1
±20 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10 sec)
300°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)2
ADA4625-1
1.25 kV
ADA4625-2
1.5 kV
Field Induced Charge Device Model (FICDM)3
ADA4625-1
1.25 kV
ADA4625-2
1.25 kV
1 The input pins have clamp diodes connected to the power supply pins. Limit
the input current to 20 mA or less whenever input signals exceed the power
supply rail by 0.3 V.
2 ESDA/JEDEC JS-001-2011 applicable standard.
3 JESD22-C101 (ESD FICDM standard of JEDEC) applicable standard.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to PCB
thermal design is required.
Table 5. Thermal Resistance
Package Type1, 2
θJA3
θJC
Unit
RD-8-1
52.8
5.7
°C/W
1 Values were obtained per JEDEC standard JESD-51.
2 Although the exposed pad can be left floating, it must be connected to the
GND, or the V+ or V− plane for proper thermal management.
3 Board layout impacts thermal characteristics such as θJA. When proper thermal
management techniques are used, a better θJA can be achieved. Refer to the
Thermal Management section for additional information.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com