Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8111ACCZN-R7 Datasheet HTML 1Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL8111
Rev. 0 | Page 3 of 24
SPECIFICATIONS
Drain bias voltage (VDD_PA) = +5 V, quiescent drain supply current (IDQ_PA) = 70 mA, negative bias voltage (VSS_SW) = −3.3 V, positive
bias voltage (VDD_SW) = +3.3 V, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
10
5000
MHz
INTERNAL AMPLIFIER STATE
Small Signal Gain
11.2
12.5
dB
Gain Flatness
±0.5
dB
Input Return Loss
24
dB
Output Return Loss
17
dB
Radio Frequency (RF) Settling Time
50% VA/VB to 0.5 dB margin of final RFOUT
170
ns
50% VA/VB to 0.1 dB margin of final RFOUT
260
ns
Switching Speed
Rise Time (tRISE) and Fall Time (tFALL)
10% to 90% RFOUT
40
ns
Turn On Time (tON) and Turn Off Time (tOFF)
50% VA/VB to 90%/10% RF
160
ns
Output 1 dB Compression (P1dB)
17
19.5
dBm
Output Third-Order Intercept (OIP3)
34
dBm
Noise Figure
2.8
dB
VDD_PA
3.0
5.0
5.5
V
INTERNAL BYPASS SWITCH STATE
Insertion Loss
2
dB
RF Settling Time
50% VA/VB to 0.5 dB margin of final RFOUT
175
ns
50% VA/VB to 0.1 dB margin of final RFOUT
260
ns
Switching Speed
tRISE/tFALL
10% to 90% RFOUT
60
ns
tON/tOFF
50% VA/VB to 90%/10% RF
160
ns
Input Third-Order Intercept (IIP3)
58
dBm
0.5 dB Compression (P0.5dB)
34
dBm
P1dB
35
dBm
Return Loss On State
18
dB
Return Loss Off State
30
dB
VDD_SW
3.0
3.3
3.6
V
VSS_SW
−3.6
−3.3
−3.0
V
EXTERNAL BYPASS A AND EXTERNAL BYPASS B STATES
Insertion Loss
1
dB
RF Settling Time
50% VA/VB to 0.5 dB margin of final RFOUT
180
ns
50% VA/VB to 0.1 dB margin of final RFOUT
230
ns
Switching Speed
tRISE/tFALL
10% to 90% RFOUT
70
ns
tON/tOFF
50% VA/VB to 90%/10% RF
175
ns
IIP3
59
dBm
P0.5dB
35.5
dBm
P1dB
36
dBm
Return Loss On State
22
dB
Return Loss Off State
25
dB
VDD_SW
3.0
3.3
3.6
V
VSS_SW
−3.6
−3.3
−3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com