Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADL8111
Data Sheet
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
GND
GND
GND
GND
2
3
4
5
6
7
VDD_PA
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF AND DC GROUND.
VBIAS
GND
RFIN
GND
VA
VB
21
20
19
18
17
16
15
GND
GND
GND
RFOUT
GND
VDD_SW
VSS_SW
8
9
10
11
12
13
14
28
27
26
25
24
23 22
ADL8111
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration—Top View Not to Scale
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD_PA
Drain Bias Voltage. See Table 2.
2
VBIAS
Current Mirror Bias Resistor Pin. Use this pin to set the current to the internal resistor by the
external resistor. See Figure 9 for the interface schematic.
3, 5, 8, 10 to 12, 14, 17, 19 to
22, 24 to 26, 28
GND
RF and DC Ground. See Figure 6 for the interface schematic.
4
RFIN
RF Input. These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required
if the RF line potential is not equal to 0 V dc.
6, 7
VA, VB
Control Input. See Table 2, Table 4, and Table 5. See Figure 8 and Figure 7 for the interface
schematics.
9, 13
OUT_B,
IN_B
These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF
line potential is not equal to 0 V dc.
15
VSS_SW
Negative Bias Voltage. See Table 2.
16
VDD_SW
Positive Bias Voltage. See Table 2.
18
RFOUT
RF Output. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if
the RF line potential is not equal to 0 V dc.
23, 27
IN_A,
OUT_A
These pins are dc-coupled and matched to 50 Ω. A dc blocking capacitor is required if the RF
line potential is not equal to 0 V dc.
EPAD
Exposed Pad. The exposed pad must be connected to RF and dc ground.
INTERFACE SCHEMATICS
GND
Figure 6. GND Interface Schematic
VDD_SW
VB
Figure 7. VB Interface Schematic
VDD_SW
VA
Figure 8. VA Interface Schematic
VBIAS
Figure 9. VBIAS Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com