Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 11Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 12Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 13Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 14Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 15Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL8111
Rev. 0 | Page 15 of 24
0
–80
–70
–60
–50
–40
–30
–20
–10
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
IN_A TO RFOUT, +85°C
IN_A TO RFOUT, +25°C
IN_A TO RFOUT, –40°C
Figure 54. Isolation vs. Frequency Over Temperature,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
40
0
4
8
12
16
20
24
28
32
36
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 55. P0.5dB vs. Frequency Over Temperature,
State = Internal Bypass, Path = RFIN to RFOUT (Refer to Figure 77 for the Test
Circuit)
60
0
10
20
30
40
50
5
15
25
35
45
55
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 56. IIP3 vs. Frequency Over Temperature,
State = Internal Bypass, Path = RFIN to RFOUT (Refer to Figure 77 for the Test
Circuit)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
IN_B TO RFOUT, +85°C
IN_B TO RFOUT, +25°C
IN_B TO RFOUT, –40°C
Figure 57. Isolation vs. Frequency Over Temperature,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
40
0
4
8
12
16
20
24
28
32
36
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 58. P1dB vs. Frequency Over Temperature,
State = Internal Bypass, Path = RFIN to RFOUT (Refer to Figure 77 for the Test
Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com