Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 19Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 20Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 21Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 22Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 23Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADL8111
Rev. 0 | Page 23 of 24
EVALUATION BOARD SCHEMATIC
50Ω
50Ω
560Ω
R1
10pF
C1
50Ω
50Ω
50Ω
50Ω
50Ω
50Ω
1
2
3
4
5
6
7
J4 – VA
J3 – VDD_PA
J1
RFIN
J2
RFOUT
J4 – VB
VDD_PA
VBIAS
J9
OUT_B
J10
J4 – VDD_SW
J4 – VSS_SW
GND
IN_B
J7
OUT_A
J8
IN_A
PAD1
PAD3
U1
21
20
19
18
17
16
15
Figure 84. ADL8111-EVALZ Evaluation Board Schematic
Table 10. Bill of Material for Evaluation PCB ADL8111-EVALZ
Item
Description
J1, J2, J7, J8, J9, J10
SRI SMA RF connectors
J3, J4
DC header pins
U1
ADL8111
C1
10 pF, 5% tolerance, 0201, ceramic capacitor
R1
560 Ω, 1/16 W, 0402, thick film resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com