Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8111ACCZN-R7 Datasheet HTML 1Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10 MHz to 8000 MHz Bypass Amplifier
Data Sheet
ADL8111
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Small signal gain of 12.5 dB typical from 10 MHz to 500 MHz
Broad operation from 10 MHz to 8000 MHz
OIP3 of 34 dBm typical from 10 MHz to 500 MHz
Internal amplifier state, output P1dB of 17 dBm typical from
5000 MHz to 8000 MHz
Noise figure of 2.8 dB typical from 10 MHz to 500 MHz
Low insertion loss of 2 dB typical for the internal bypass
switch state from 10 MHz to 500 MHz
Wide operating temperature range of −40°C to +85°C
RoHS-compliant, 6 mm × 6 mm, 28-terminal LGA
ESD rating of ±750 V (Class 1B)
APPLICATIONS
Military
Test instrumentation
Communications
FUNCTIONAL BLOCK DIAGRAM
50Ω
50Ω
50Ω
50Ω
50Ω
50Ω
PACKAGE
BASE
GND
ADL8111
18
19
20
21
17
16
15
VDD_SW
VSS_SW
GND
RFOUT
GND
GND
GND
2
1
3
4
5
6
7
VA
VB
GND
RFIN
VBIAS
GND
VDD_PA
LNA
50Ω
50Ω
Figure 1.
GENERAL DESCRIPTION
The ADL8111 is a low noise amplifier (LNA) with a nonreflective
bypass switch that provides broadband operation from 10 MHz
to 8000 MHz. The ADL8111 provides a low noise figure of
2.8 dB with a high output third-order intercept (OIP3) of 34 dBm
simultaneously, which delivers a high dynamic range. The
ADL8111 provides a gain of 12.5 dB that is stable over frequency,
temperature, power supply, and from device to device.
The integration of an amplifier and two single-pole, quad-
throw (SP4T) nonreflective switches allows multiple gain and
linearity values. The addition of switches also offers high input
intercept performance and prevents distortion on the high
signal level applications.
The ADL8111 has a high electrostatic discharge (ESD) rating of
±750 V (Class 1B) and is fully specified for operation across a wide
temperature range of −40°C to +85°C. The ADL8111 is offered
in a 6 mm × 6 mm, 28-terminal land grid array (LGA) package.


Similar Part No. - ADL8111ACCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8111ACCZN-R7 AD-ADL8111ACCZN-R7 Datasheet
2Mb / 24P
10 MHz to 8 GHz Bypass Amplifier
Rev. A
More results

Similar Description - ADL8111ACCZN-R7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
Amplifier with Bypass Switch
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
Mini-Circuits
TSS-53LNB MINI-TSS-53LNB Datasheet
336Kb / 5P
Low Noise Bypass Amplifier
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
Low Noise Amplifier with Bypass
logo
Mini-Circuits
TSS-53LNB3 MINI-TSS-53LNB3 Datasheet
348Kb / 5P
Low Noise Bypass Amplifier
TSS-53LNB-D MINI-TSS-53LNB-D Datasheet
563Kb / 6P
Low Noise Bypass Amplifier Die
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com