Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 14Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 15Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 19Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 20Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 21Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL8111
Data Sheet
Rev. 0 | Page 18 of 24
0
–80
–70
–60
–50
–40
–30
–20
–10
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO RFOUT, +85°C
RFIN TO RFOUT, +25°C
RFIN TO RFOUT, –40°C
Figure 71. Isolation vs. Frequency Over Temperature,
State = External Bypass B (Refer to Figure 78 for the Test Circuit)
0
4
8
12
16
20
24
28
32
36
40
0
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 72. P0.5dB vs. Frequency Over Temperature,
State = External Bypass B, Path = RFIN to OUT_B or IN_B to RFOUT (Refer to
Figure 78 for the Test Circuit)
65
0
10
20
30
40
50
60
5
15
25
35
45
55
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 73. IIP3 vs. Frequency Over Temperature,
State = External Bypass B, Path = RFIN to OUT_B or IN_B to RFOUT (Refer to
Figure 78 for the Test Circuit)
0
4
8
12
16
20
24
28
32
36
40
0
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 74. P0.5dB vs. Frequency Over Temperature,
State = External Bypass B, Path = RFIN to OUT_B or IN_B to RFOUT (Refer to
Figure 78 for the Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com