Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 19Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 20Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 21Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 22Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 23Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADL8111
Rev. 0 | Page 21 of 24
APPLICATIONS INFORMATION
The basic connections for operating the ADL8111 are shown in
Figure 83. A 5 V dc bias is supplied to the amplifier on VDD_PA,
+3.3 V dc bias supply to VDD_SW and −3.3 V dc bias supply to
VSS_SW.
VA and VB are digital inputs set path states shown in Table 7.
High logic state is set at 1.4 V and low logic state is set at 0 V.
The LNA within the ADL8111 operates in self-biased mode
where the VBIAS pin is connected to a 560 Ω external resistor
to achieve a 70 mA supply current. Refer to Table 9 for the
recommended resistor values to achieve different IDQ currents.
RECOMMENDED BIAS SEQUENCING
During Power-Up
The recommended bias sequence during power-up follows:
1. Set VDD_SW = 3.3 V.
2. Set VSS_SW = −3.3 V.
3. Set VDD_PA = 5 V.
4. Apply the RF signal.
During Power-Down
The recommended bias sequence during power-down follows:
1. Turn off the RF signal.
2. Set VDD_PA = 0 V.
3. Set VSS_SW = 0 V.
4. Set VDD_SW = 0 V.
The bias conditions, VDD_PA = 5 V at IDQ = 70 mA, is the
recommended operating point to achieve optimum
performance. The data used in this data sheet was taken with
the recommended bias condition. Using the HMC8411 with
different bias conditions can provide different performance
than what is shown in the Typical Performance Characteristics
section.
Table 9. Recommended Bias Resistor Values at VDD_PA = 5 V
RBIAS (Ω)
IDQ (mA)
226
85
560
70
1.1 k
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com