Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL8111ACCZN-R7 Datasheet HTML 10Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 11Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 12Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 13Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 14Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 15Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 16Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 17Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL8111
Data Sheet
Rev. 0 | Page 14 of 24
INTERNAL BYPASS STATE
0
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO RFOUT INPUT RETURN LOSS
RFIN TO RFOUT INSERTION LOSS
RFIN TO RFOUT OUTPUT RETURN LOSS
Figure 48. Broadband Insertion and Return Loss vs. Frequency,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
0
–25
–20
–15
–10
–5
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO RFOUT INPUT RETURN LOSS, +85°C
RFIN TO RFOUT INPUT RETURN LOSS, +25°C
RFIN TO RFOUT INPUT RETURN LOSS, –40°C
Figure 49. Input Return Loss Over Temperature vs. Frequency,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO OUT_A, +85°C
RFIN TO OUT_A, +25°C
RFIN TO OUT_A, –40°C
Figure 50. Isolation vs. Frequency Over Temperature,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
0
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO RFOUT, +85°C
RFIN TO RFOUT, +25°C
RFIN TO RFOUT, –40°C
Figure 51. Insertion Loss Over Temperature vs. Frequency,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
0
–25
–20
–15
–10
–5
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO RFOUT OUTPUT RETURN LOSS, +85°C
RFIN TO RFOUT OUTPUT RETURN LOSS, +25°C
RFIN TO RFOUT OUTPUT RETURN LOSS, –40°C
Figure 52. Output Return Loss Over Temperature vs. Frequency,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
RFIN TO OUT_B, +85°C
RFIN TO OUT_B, +25°C
RFIN TO OUT_B, –40°C
Figure 53. Isolation vs. Frequency Over Temperature,
State = Internal Bypass (Refer to Figure 77 for the Test Circuit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com