Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8111ACCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8111ACCZN-R7
Description  Bypass Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8111ACCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8111ACCZN-R7 Datasheet HTML 1Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 2Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 3Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 4Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 5Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 6Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 7Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 8Page - Analog Devices ADL8111ACCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADL8111
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDD_PA
+7 V dc
VDD_SW Range
−0.3 V to +3.7 V
VSS_SW Range
−3.7 V to +0.3 V
Control Voltage (VA, VB) Range
−0.3 V to VDD +
0.3 V
RF Input Power (RFIN) − Internal Amplifier State
20 dBm
RFIN − Internal Bypass,
External Bypass A, External Bypass B
31 dBm
RFIN (IN_A, OUT_A, IN_B, and OUT_B)
Termination Path (VDD_SW, VA, VB = 3.3 V,
VSS = −3.3 V, TA = 85°C, and Frequency =
2 GHz)
28 dBm
Hot Switch Power Level (IN_A, OUT_A, IN_B,
and OUT_B), VDD_SW = 3.3 V, TA = 85°C,
and Frequency = 2 GHz
30 dBm
Hot Switch Power Level (Internal Amplifier
State)
20 dBm
Continuous Power Dissipation, PDISS
(TA = 85°C, Derate 6.8 mW/°C Above 85°C)
0.61 W
Channel Temperature
175°C
Maximum Peak Reflow Temperature
(Moisture Sensitivity Level 3, MSL3)1
260°C
Storage Temperature Range
−40°C to +125°C
Operating Temperature Range
−40°C to +85°C
ESD Sensitivity (Human Body Model)
Class 1B
(Passed ±750 V)
1
See the Ordering Guide section for additional information.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to the printed circuit
board (PCB) design and operating environment. Careful
attention to PCB thermal design is required.
θJC is the junction to case thermal resistance.
Table 6. Thermal Resistance
Package Type
θJC
Unit
CC-28-31
148
°C/W
1
θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
ground paddle to the PCB, and the ground paddle is held constant at an
85°C operating temperature.
POWER DERATING CURVES
5
0
–5
–10
–15
–20
–25
0.01
0.1
1
10
100
1k
10k
FREQUENCY (MHz)
Figure 2. Power Derating for RFIN Port
2
0
–4
–6
–8
–2
–10
–12
–14
–16
–18
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
Figure 3. Power Derating for Terminated Path
2
0
–4
–6
–8
–2
–10
–12
–14
–16
–18
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
Figure 4. Power Derating for Hot Switching Power
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com