Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC521ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
HMC521ALC4
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, local oscillator (LO) = 15 dBm, upper sideband. All measurements performed as a downconverter, unless
otherwise noted, on the evaluation printed circuit board (PCB).
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
Radio Frequency (RF) Pin
8.5
13.5
GHz
IFx Pin
DC
3.5
GHz
LO Pin
8.5
13.5
GHz
LO AMPLITUDE
15
dBm
8.5 GHz TO 13.5 GHz PERFORMANCE
Downconverter
Taken as image reject mixer
Conversion Loss
9
9.5
dB
Noise Figure
NF
Taken with LO amplifier
14
dB
Image Rejection
17
27.5
dBc
Input Third-Order Intercept
IP3
16
dBm
Input 1 dB Compression Point
P1dB
7.5
dBm
Upconverter
Taken as a single sideband upconverter mixer
Conversion Loss
9
dB
Input Third-Order Intercept
IP3
15.5
dBm
Input 1 dB Compression Point
P1dB
8.3
dBm
Isolation
Taken without external 90° hybrid
RF to IF
32.5
dB
LO to RF
39
dB
LO to IF
18.5
dB
Balance
Taken without external 90° hybrid
Amplitude Balance
0.1
dB
Phase Balance
6.5
Degrees
10.5 GHz TO 11.7 GHz PERFORMANCE
Downconverter
Conversion Loss
7.8
8
dB
Noise Figure
Taken with LO amplifier
10
dB
Image Rejection
22
27
dBc
Input Third-Order Intercept
IP3
16
dBm
Input 1 dB Compression Point
P1dB
7.5
dBm
Upconverter
Taken as a single sideband upconverter mixer
Conversion Loss
7
dB
Input Third-Order Intercept
IP3
17
dBm
Input 1 dB Compression Point
P1dB
8.8
dBm
Isolation
Taken without external 90° hybrid
RF to IF
38
dB
LO to RF
37
dB
LO to IF
14
dB
Balance
Taken without external 90° hybrid
Amplitude Balance
0.1
dB
Phase Balance
3.6
Degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com