Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HMC521ALC4
Data Sheet
Rev. 0 | Page 22 of 24
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 86 shows the typical application circuit for the
HMC521ALC4. The HMC521ALC4 is a passive device and
does not require any external components. The LO and RF pins
are internally ac-coupled. The IFx pins are internally dc-coupled.
For applications not requiring operation to dc, dc block this
port externally using a series capacitor of a value chosen to pass
the necessary IF frequency range. When IF operation to dc is
required, do not exceed the IFx source and sink current rating
specified in the Absolute Maximum Ratings section. To select
the upper sideband when using the HMC521ALC4 as an
upconverter, connect the IF1 pin to the 90° port of the hybrid,
and connect the IF2 pin to the 0° port of the hybrid. To select
the lower sideband, connect the IF1 pin to the 0° port of the
hybrid and the IF2 pin to the 90° port of the hybrid. The input
is from the sum port of the hybrid, and the difference port is
50 Ω terminated.
To select the upper sideband (low-side LO) when using as
downconverter, connect the IF1 pin to the 0° port of the hybrid,
and connect the IF2 pin to the 90° port of the hybrid. To select
the lower sideband (high-side LO), connect the IF1 pin to the
90° port of the hybrid and connect the IF2 pin to the 0° port of
the hybrid. The output is from the sum port of the hybrid, and
the difference port is 50 Ω terminated.
PACKAGE
BASE
RF
IF1
IF2
LO
90°
HYBRID
50Ω
IF
SUPPLY
FOR IF1
SUPPLY
FOR IF2
BIAS TEE/
DC FEED FOR IF2
BIAS TEE/
DC FEED FOR IF1
DC BLOCKING
CAPACITORS
EXTERNAL
90° HYBRID
NOTES
1. DASHED SECTIONS ARE OPTIONAL AND MEANT FOR LO NULLING.
13
1
3
4
2
5
6
14
15
16
17
18
Figure 86. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com