Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC521ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8.5 GHz to 13.5 GHz,
GaAs, MMIC, I/Q Mixer
Data Sheet
HMC521ALC4
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Downconverter, 8.5 GHz to 13.5 GHz
Conversion loss: 9 dB typical
Image rejection: 27.5 dBc typical
LO to RF isolation: 39 dB typical
Input IP3: 16 dBm typical
Wide IF bandwidth: dc to 3.5 GHz
3.9 mm × 3.9 mm, 24-terminal LCC package: 16 mm²
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Military electronic warfare (EW); electronic
countermeasure (ECM); and command, control,
communications, and intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14 GND
15 LO
16 GND
17 NIC
18 NIC
GND
PACKAGE
BASE
90° HYBRID
HMC521ALC4
Figure 1.
GENERAL DESCRIPTION
The HMC521ALC4 is a compact, gallium arsenide (GaAs),
monolithic microwave integrated circuit (MMIC), inphase
quadrature (I/Q) mixer in a RoHS compliant, 24-terminal
ceramic leadless chip carrier (LCC) package. This device can be
used as either an image reject mixer or a single sideband
upconverter. The mixer uses two standard, double balanced
mixer cells and a 90° hybrid coupler fabricated in a GaAs, metal
semiconductor field effect transistor (MESFET) process. A low
frequency quadrature hybrid produces a 100 MHz intermediate
frequency (IF) output. This device is a smaller alternative to
hybrid style image reject mixers and single sideband upconverter
assemblies. The HMC521ALC4 eliminates the need for wire
bonding, allowing use of surface-mount manufacturing
techniques.


Similar Part No. - HMC521ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC521A-SX AD-HMC521A-SX Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
More results

Similar Description - HMC521ALC4TR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4 Datasheet
296Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com