Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
HMC521ALC4
Data Sheet
Rev. 0 | Page 14 of 24
UPCONVERTER PERFORMANCE, IF = 3500 MHz
Upper Sideband (Low-Side LO)
–20
–16
–12
–8
–4
0
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 55. Conversion Gain vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
20
30
40
60
50
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 56. Sideband Rejection vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
5
10
15
20
30
25
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 57. Input IP3 vs. RF Frequency at Various Temperatures,
LO = 15 dBm
–20
–16
–12
–8
–4
0
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 58. Conversion Gain vs. RF Frequency at Various LO Power Levels,
TA = 25°C
0
10
20
30
40
60
50
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 59. Sideband Rejection vs. RF Frequency at Various LO Power Levels
TA = 25°C
0
5
10
15
20
25
30
11.0
11.5
12.0
12.5
13.0
13.5
14.0
RF FREQUENCY (GHz)
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 60. Input IP3 vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com