Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
HMC521ALC4
Rev. 0 | Page 21 of 24
THEORY OF OPERATION
The HMC521ALC4 is a MMIC mixer in a 24-terminal, RoHS
compliant, ceramic LCC package. The device can be used as
either an image reject mixer or a single sideband upconverter.
The mixer uses two standard, double balanced mixer cells and a
90° hybrid fabricated in a GaAs, MESFET process. This device
is a much smaller alternative to a hybrid style image reject mixer
and a single sideband upconverter assembly. The HMC521ALC4
eliminates the need for wire bonding, allowing the use of
surface-mount manufacturing techniques. When used as an
image reject mixer, the HMC521ALC4 downconverts radio
frequencies between 8.5 GHz and 13.5 GHz to intermediate
frequencies between dc and 3.5 GHz. When used as single
sideband upconverter, the HMC521ALC4 upconverts
intermediate frequencies between dc and 3.5 GHz to RF
between 8.5 GHz and 13.5 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com