Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HMC521ALC4
Data Sheet
Rev. 0 | Page 20 of 24
SPURIOUS AND HARMONICS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output
power level. N/A means not applicable.
LO Harmonics
LO = 15 dBm, all values in dBc are below input LO level and are
measured at the RF port.
Table 5. LO Harmonics at RF
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
6.5
56
39
54
60
7.5
50
31
49
67
8.5
44
36
50
68
9.5
41
42
49
64
10.5
40
59
60
51
11.5
40
53
68
53
12.5
40
58
56
60
13.5
41
72
57
N/A
14.5
48
57
56
N/A
15.5
53
61
54
N/A
LO = 15 dBm, all values in dBc are below input LO level and are
measured at the IF ports.
Table 6. LO Harmonics at IF1
N × LO Spur at IF1 Port
LO Frequency (GHz)
1
2
3
4
6.5
24
59
60
81
7.5
20
55
72
74
8.5
19
63
54
73
9.5
21
56
49
79
10.5
23
68
53
91
11.5
25
68
53
76
12.5
29
55
64
82
13.5
29
66
74
N/A
14.5
28
58
90
N/A
15.5
28
66
82
N/A
Table 7. LO Harmonics at IF2
N × LO Spur at IF2 Port
LO Frequency (GHz)
1
2
3
4
6.5
26
64
57
80
7.5
23
55
77
86
8.5
20
69
53
89
9.5
22
61
54
87
10.5
25
68
64
76
11.5
27
70
59
72
12.5
32
55
59
85
13.5
33
69
64
N/A
14.5
32
72
78
N/A
15.5
26
68
66
N/A
M × N Spurious Outputs
Downconverter, Upper Sideband
Spur values are (M × RF) − (N × LO).
RF = 10.6 GHz at −10 dBm, LO = 10.5 GHz at 15 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
−8
+32
+45
N/A
N/A
1
+32
0
+38
+53
+70
N/A
2
+77
+69
+60
+50
+76
+73
3
+73
+77
+79
+57
+80
+77
4
N/A
+65
+76
+77
+85
+79
5
N/A
N/A
+55
+74
+80
+87
Upconverter, Upper Sideband
Spur values are (M × IF) + (N × LO).
IFIN = 100 MHz at −10 dBm, LO = 10.5 GHz at 15 dBm.
N × LO
0
1
2
3
M × IF
+5
88
70
76
N/A
+4
90
72
74
N/A
+3
88
44
N/A
N/A
+2
88
61
N/A
N/A
+1
79
N/A
N/A
N/A
0
N/A
9
40
36
−1
79
0
31
44
−2
90
61
57
67
−3
86
44
75
75
−4
87
71
78
75
−5
89
70
75
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com