Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC521ALC4TR-R5 Datasheet HTML 1Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 2Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 3Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 4Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 5Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 6Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 7Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 8Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
HMC521ALC4
Rev. 0 | Page 5 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
NIC
NIC
GND
RF
5
6
GND
NIC
NIC
14 GND
15 LO
16 GND
17 NIC
18 NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THESE PINS ARE NOT CONNECTED INTERNALLY.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO THE GND PIN.
HMC521ALC4
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration 7
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6 to 8, 10,
13, 17 to 24
NIC
Not Internally Connected. These pins are not connected internally.
3, 5, 12, 14, 16
GND
Ground. These pins and package bottom must be connected to RF and dc ground. See Figure 3 for the
GND interface schematic.
4
RF
Radio Frequency Port. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the RF interface
schematic.
9
IF1
First Quadrature Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring
operation to dc, dc block this port externally using a series capacitor of a value chosen to pass the
necessary IF frequency range. For operation to dc, these pins must not source or sink more than 2 mA of
current. Otherwise, die malfunction or die failure may result. See Figure 5 for the IFx interface schematic.
11
IF2
Second Quadrature Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring
operation to dc, dc block this port externally using a series capacitor of a value chosen to pass the
necessary IF frequency range. For operation to dc, these pins must not source or sink more than 2 mA of
current. Otherwise, die malfunction or die failure may result. See Figure 5 for the IFx interface schematic.
15
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω. See Figure 4 for the LO interface
schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the GND pin.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
LO
Figure 4. LO Interface Schematic
IFx
Figure 5. IFx Interface Schematic
RF
Figure 6. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com