Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 16 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 16 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
HMC521ALC4
Data Sheet
Rev. 0 | Page 16 of 24
Isolation and Return Loss
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 67. LO to RF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
IF1, –40°C
IF1, +25°C
IF1, +85°C
IF2, –40°C
IF2, +25°C
IF2, +85°C
Figure 68. LO to IF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
IF1, –40°C
IF1, +25°C
IF1, +85°C
IF2, –40°C
IF2, +25°C
IF2, +85°C
Figure 69. RF to IF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 70. LO to RF Isolation vs. RF Frequency at Various LO Power Levels,
TA = 25°C
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
LO TO IF1, 11dBm
LO TO IF2, 11dBm
LO TO IF1, 13dBm
LO TO IF2, 13dBm
LO TO IF1, 15dBm
LO TO IF2, 15dBm
LO TO IF1, 17dBm
LO TO IF2, 17dBm
LO TO IF1, 19dBm
LO TO IF2, 19dBm
Figure 71. LO to IF Isolation vs. RF Frequency at Various LO Power Levels,
TA = 25°C
0
10
20
30
40
50
60
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
LO TO IF1, 11dBm
LO TO IF2, 11dBm
LO TO IF1, 13dBm
LO TO IF2, 13dBm
LO TO IF1, 15dBm
LO TO IF2, 15dBm
LO TO IF1, 17dBm
LO TO IF2, 17dBm
LO TO IF1, 19dBm
LO TO IF2, 19dBm
Figure 72. RF to IF Isolation vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com