Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC521ALC4TR-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC521ALC4TR-R5
Description  GaAs, MMIC, I/Q Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC521ALC4TR-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC521ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC521ALC4TR-R5 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
HMC521ALC4
Rev. 0 | Page 17 of 24
–20
–15
–10
–5
0
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
LO FREQUENCY (GHz)
Figure 73. LO Return Loss vs. LO Frequency at LO = 13 dBm, TA = 25°C
–40
–35
–30
–25
–20
–15
–10
–5
0
7.5
8.5
9.5
10.5
11.5
12.5
13.5
14.5
RF FREQUENCY (GHz)
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 74. RF Return Loss vs. RF Frequency at Various LO Power Levels,
TA = 25°C, LO = 27 GHz
–40
–35
–30
–25
–20
–15
–10
–5
0
0
1
2
3
4
5
IF FREQUENCY (GHz)
LO = 11dBm, IF1
LO = 11dBm, IF2
LO = 13dBm, IF1
LO = 13dBm, IF2
LO = 15dBm, IF1
LO = 15dBm, IF2
LO = 17dBm, IF1
LO = 17dBm, IF2
LO = 19dBm, IF1
LO = 19dBm, IF2
Figure 75. IF Return Loss vs. IF Frequency at Various LO Power Levels,
TA = 25°C, LO = 27 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com