Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 101Page - STMicroelectronics STM32WB55VG Datasheet HTML 102Page - STMicroelectronics STM32WB55VG Datasheet HTML 103Page - STMicroelectronics STM32WB55VG Datasheet HTML 104Page - STMicroelectronics STM32WB55VG Datasheet HTML 105Page - STMicroelectronics STM32WB55VG Datasheet HTML 106Page - STMicroelectronics STM32WB55VG Datasheet HTML 107Page - STMicroelectronics STM32WB55VG Datasheet HTML 108Page - STMicroelectronics STM32WB55VG Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 165 page
background image
DS11929 Rev 3
105/165
STM32WB55xx
Electrical characteristics
152
tWUSTOP0
Wake up time from
Stop 0 mode
to Run mode in Flash
memory
Range 1
Wakeup clock MSI = 32 MHz
2.38
2.6
µs
Wakeup clock HSI16 = 16 MHz
1.69
1.76
Range 2
Wakeup clock HSI16 = 16 MHz
1.7
1.78
Wakeup clock MSI = 4 MHz
7.43
7.9
Wake up time from
Stop 0 mode
to Run mode in SRAM1
Range 1
Wakeup clock MSI = 32 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wakeup clock MSI = 4 MHz
TBD
TBD
tWUSTOP1
Wake up time from
Stop 1 mode
to Run in Flash memory
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
4.67
4.94
µs
Wakeup clock HSI16 = 16 MHz
5.09
5.34
Range 2
Wakeup clock HSI16 = 16 MHz
5.08
5.36
Wakeup clock MSI = 4 MHz
8.36
8.76
Wake up time from
Stop 1 mode
to Run in Flash memory
SMPS ON
Range 1
Wakeup clock MSI = 32 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wake up time from
Stop 1 mode
to Run in SRAM1
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wakeup clock MSI = 4 MHz
TBD
TBD
Wake up time from
Stop 1 mode to Run
in SRAM1
SMPS ON
Range 1
Wakeup clock MSI = 32 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wake up time from
Stop 1 mode to
Low-power run mode
in Flash memory
Regulator in
Low-power
mode (LPR=1 in
PWR_CR1)
Wakeup clock MSI = 4 MHz
7.76
8.38
Wake up time from
Stop 1 mode to
Low-power run mode
in SRAM1
TBD
TBD
Table 49. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com