Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB55VG Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32WB55VG
Description  Multiprotocol wireless 32-bit MCU Arm
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55VG Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32WB55VG Datasheet HTML 102Page - STMicroelectronics STM32WB55VG Datasheet HTML 103Page - STMicroelectronics STM32WB55VG Datasheet HTML 104Page - STMicroelectronics STM32WB55VG Datasheet HTML 105Page - STMicroelectronics STM32WB55VG Datasheet HTML 106Page - STMicroelectronics STM32WB55VG Datasheet HTML 107Page - STMicroelectronics STM32WB55VG Datasheet HTML 108Page - STMicroelectronics STM32WB55VG Datasheet HTML 109Page - STMicroelectronics STM32WB55VG Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 165 page
background image
Electrical characteristics
STM32WB55xx
106/165
DS11929 Rev 3
tWUSTOP2
Wake up time from
Stop 2 mode
to Run mode in Flash
memory
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
5.12
5.42
µs
Wakeup clock HSI16 = 16 MHz
5.55
5.88
Range 2
Wakeup clock HSI16 = 16 MHz
5.56
5.88
Wakeup clock MSI = 4 MHz
9.0
9.4
Wake up time from
Stop 2 mode
to Run mode in Flash
memory
SMPS ON
Range 1
Wakeup clock MSI = 48 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wake up time from
Stop 2 mode to Run
mode in SRAM1
SMPS bypassed
Range 1
Wakeup clock MSI = 32 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Wakeup clock MSI = 4 MHz
TBD
TBD
Wake up time from
Stop 2 mode to Run
mode in SRAM1
SMPS ON
Range 1
Wakeup clock MSI = 48 MHz
TBD
TBD
Wakeup clock HSI16 = 16 MHz
TBD
TBD
Range 2
Wakeup clock HSI16 = 16 MHz
TBD
TBD
tWUSTBY
Wakeup time from
Standby mode
to Run mode
SMPS Bypassed
Range 1
Wakeup clock HSI16 = 16 MHz
TBD
TBD
µs
Wakeup time from
Standby mode to Run
mode
SMPS ON
TBD
TBD
tWUSHDN
Wakeup time from
Shutdown mode
to Run mode
Range 1
Wakeup clock MSI = 4 MHz
49.75 52.32
µs
1. Guaranteed by characterization results (VDD = 3 V, .T = 25 °C.
Table 49. Low-power mode wakeup timings(1) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 50. Regulator modes transition times(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWULPRUN
Wakeup time from Low-power run mode to
Run mode(2)
Code run with MSI 2 MHz
15.33
15.66
µs
tVOST
Regulator transition time from Range 2 to
Range 1 or Range 1 to Range 2(3)
Code run with HSI16
20.67
25.64
1. Guaranteed by characterization results.
2. Time until REGLPF flag is cleared in PWR_SR2.
3. Time until VOSF flag is cleared in PWR_SR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com